công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-JB-R2

  • AI
    ### Overview of M2UDS-JB-R2 The **M2UDS-JB-R2** is a high-performance **Dual-Output Digital Potentiometer** (also known as a signal conditioner or isolator) typically used in industrial automation. It is designed to take a variable input (such as a potentiometer resistance) and convert it into two independent, isolated DC output signals. --- ### Technical Specifications The electronic behavior of this module is defined by its input/output isolation and signal conditioning capabilities. | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Input Type** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 1 – 5 V DC (Standard configuration for -R2) | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (Input to Output 1 to Output 2 to Power) | | **Accuracy** | $\pm$0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | --- ### Core Electronic Components & Functions The device functions through several internal electronic stages: #### 1. Input Section (Excitation) The module provides a constant voltage (excitation) to the external potentiometer. As the user turns the potentiometer, the voltage at the "wiper" terminal changes. The M2UDS senses this voltage ratio rather than absolute resistance, which improves thermal stability. #### 2. Signal Isolation (Galvanic Isolation) One of the most critical electronic parts is the **Optical or Transformer Isolator**. * It prevents ground loops between the field device (potentiometer) and the PLC/Controller. * It protects sensitive equipment from high-voltage surges on the field side. #### 3. Dual Output Drivers The "Dual Output" designation means the electronic circuit splits the signal into two paths: * **Current Loop Driver:** Converts the signal to 4-20mA, ideal for long-distance transmission as it is resistant to electrical noise. * **Voltage Driver:** Converts the signal to 1-5V (or similar), typically used for local monitoring or high-impedance controller inputs. #### 4. Power Management The **-R2** suffix usually denotes the power requirement (24V DC). Internally, the device uses a DC-DC converter to provide stable internal rails for the operational amplifiers (Op-Amps) and the excitation voltage. --- ### Wiring Diagram Concept To interface with the M2UDS-JB-R2, the terminal configuration generally follows this logic: ```text [ POTENTIOMETER ] [ M2UDS-JB-R2 ] [ RECEIVING DEVICE ] (End 1) -----------> Terminal 1 (CW) (Wiper) -----------> Terminal 2 (Input) (End 2) -----------> Terminal 3 (CCW) Terminal 4 (+) -------> Output 1 (4-20mA) Terminal 5 (-) Terminal 6 (+) -------> Output 2 (1-5V) Terminal 7 (-) ``` --- ### Typical Applications * **Valve Positioning:** Converting a manual knob rotation into a signal for a motorized valve. * **Remote Monitoring:** Sending a position signal to both a local display and a remote SCADA system simultaneously. * **Signal Splitting:** When one sensor needs to provide data to two different isolated systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific terminal pinout for the M2UDS-JB-R2?
    • ⤷ Can the output signals be reconfigured to different ranges like 0-10V?
    • ⤷ How does the 3-way isolation specifically benefit industrial noise reduction?