công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-J5W-R2

  • AI
    ## Overview: M2UDS-J5W-R2 The **M2UDS-J5W-R2** is a specific configuration of the **M2 Series Universal Digital Indicator** manufactured by **M-System**. It is a panel-mounted instrument used to receive analog signals (like voltage or current), process them, and display the values digitally. --- ### 1. Part Number Breakdown Understanding the electronic capabilities of this device requires decyphering its model suffix: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M2UDS** | **Base Model** | Universal Digital Indicator | | **-J5** | **Input Type** | DC Current / Voltage (Universal Input) | | **W** | **Output Type** | Dual (Two) DC Outputs (Isolated) | | **-R** | **Power Input** | 24V DC | | **2** | **Signal Type** | Specifically configured for High-Accuracy / 4-20mA standard ranges | --- ### 2. Core Electronic Specifications The internal electronics are designed for industrial-grade signal conditioning and isolation. #### A. Input Section (Universal) The device uses a high-resolution A/D converter to handle various signals. * **DC Current:** 0 – 20 mA DC (Input resistance approx. 100 Ω). * **DC Voltage:** -10 to +10 V DC (Input resistance ≥ 1 MΩ). * **Sampling Rate:** Typically 100 milliseconds. #### B. Output Section (Dual Outputs) The "W" designation indicates two independent analog outputs. * **Output 1:** Often 4 – 20 mA DC (Load resistance ≤ 550 Ω). * **Output 2:** Often 1 – 5 V DC (Load resistance ≥ 5000 Ω). * **Isolation:** The input, output 1, output 2, and power supply are all mutually isolated. #### C. Power & Display * **Power Supply:** 24V DC (Standard for PLC and control cabinets). * **Display:** 4-digit, 7-segment LED (Red or Green depending on sub-settings). * **Accuracy:** ±0.1% of span. --- ### 3. Key Electronic Components & Features 1. **Isolation Transformer:** Ensures that electrical noise or ground loops from the field sensor do not damage the PLC or the power supply. 2. **Microprocessor-based Calibration:** Unlike older analog meters, this uses digital scaling. You can set the "Zero" and "Span" via front-panel buttons rather than potentiometers. 3. **Surge Protector:** Integrated protection against power surges common in industrial environments. 4. **Terminal Block:** Compression screw terminals (typically M3) for secure wiring of signal and power lines. --- ### 4. Typical Wiring Configuration ```text Terminal | Function ---------|------------------------- 1 - 2 | Output 1 (+) / (-) 3 - 4 | Output 2 (+) / (-) 5 - 6 | Power Input (24V DC) 7 - 8 | Signal Input (+) / (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2UDS?
    • ⤷ What is the maximum power consumption of the M2UDS-J5W-R2?
    • ⤷ Can this model be used with a 4-wire transmitter?