công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-J1-R2

  • AI
    The **M2UDS-J1-R2** is a specific model within a series of industrial signal conditioners or transducers, typically manufactured by companies like **M-System**. These devices are designed to convert or isolate analog signals in industrial automation environments. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2UDS | Ultra-slim Signal Conditioner | | **Input Signal (J)** | 0 – 5V DC | The analog voltage range the unit receives. | | **Output Signal (1)** | 4 – 20mA DC | The standardized current loop output. | | **Power Input (R2)** | 24V DC | The operational voltage required to power the device. | | **Mounting** | DIN Rail | Standard industrial rack mounting. | | **Accuracy** | ±0.1% | High precision for industrial measurement. | --- ## Key Electronic Components & Functionality ### 1. Input Stage (Signal Conditioning) The "J" designation indicates the unit is tuned for a **0-5V DC** input. * **High Impedance:** The input circuitry is designed with high input impedance to ensure it does not load the source sensor or PLC. * **Filtering:** Includes low-pass filters to eliminate high-frequency electromagnetic interference (EMI) commonly found in factory floors. ### 2. Isolation Barrier (Galvanic Isolation) This is a critical electronic feature of the R2 series. * **Three-Way Isolation:** The device provides electrical separation between the **Input**, **Output**, and **Power supply**. * **Purpose:** It prevents ground loops, protects sensitive downstream equipment from high-voltage surges, and reduces noise. ### 3. Output Stage (Current Loop) The "1" designation represents a **4-20mA DC** output. * **Constant Current Source:** The internal electronics act as a regulator that maintains the specific amperage regardless of the load resistance (up to a certain limit, usually 550Ω). * **Zero/Span Adjustment:** Usually features small potentiometers on the front panel to calibrate the minimum (4mA) and maximum (20mA) points. ### 4. Power Management (R2) * **DC/DC Converter:** Since the device requires 24V DC, it uses internal switching regulators to step down and stabilize voltages for the internal Op-Amps and isolation circuits. --- ## Application Use Case This part is commonly used when a sensor outputs a standard voltage (0-5V) but the controller (PLC/DCS) is located far away. Because voltage drops over long distances, the **M2UDS-J1-R2** converts that voltage into a **4-20mA current signal**, which is much more resistant to long-distance signal degradation and electrical noise.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Does the M2UDS-J1-R2 require a specific type of DIN rail for mounting?
    • ⤷ Can the input range be adjusted to 1-5V instead of 0-5V via internal dip switches?