M2UDS-FW5-R2
AI

The **M2UDS-FW5-R2** is a specific model within the **M2UDS series**, which are high-performance, plug-in type digital multi-transducers manufactured by **M-System (now MG CO., LTD.)**. These devices are primarily used in industrial power monitoring to convert various AC power parameters into standard DC signals or digital data.
### 1. Component Overview
The M2UDS-FW5-R2 is a complex electronic assembly designed for power distribution boards. Below is a breakdown of its core electronic characteristics:
| Feature | Specification / Detail |
| :--- | :--- |
| **Model Type** | Multi-Transducer (Energy/Power Monitoring) |
| **Input Type** | 3-phase, 4-wire (indicated by the 'W' in the suffix) |
| **Power Input (R2)** | 100 – 240V AC / 108 – 264V DC |
| **Output Type** | Modbus-RTU / RS-485 Communication |
| **Mounting** | Plug-in base (easy maintenance without rewiring) |
---
### 2. Key Electronic Sections
The internal architecture of the device consists of several critical stages:
#### A. Input Conditioning Stage
* **Voltage Transformers (PTs):** Stepped-down isolation transformers that sense line voltage.
* **Current Transformers (CTs):** Internal precision CTs that convert high-amperage line currents (typically 1A or 5A inputs) into millivolt signals for the ADC.
* **Sampling:** High-speed simultaneous sampling of V and I to calculate true RMS values.
#### B. Digital Processing Unit (Microcontroller)
The "brain" of the device performs real-time mathematical calculations for:
* **Active/Reactive/Apparent Power** ($W, Var, VA$).
* **Power Factor** ($\cos \phi$).
* **Frequency** (Hz).
* **Energy Consumption** ($kWh$).
#### C. Communication & Interface
* **RS-485 Physical Layer:** Uses differential signaling for noise immunity in industrial environments.
* **Isolation:** Galvanic isolation between input, power, and communication ports (usually rated at 2000V AC) to protect upstream PLC/SCADA systems.
---
### 3. Part Number Breakdown (Electronic Meaning)
Understanding the suffix helps identify specific internal hardware configurations:
| Suffix | Electronic Meaning |
| :--- | :--- |
| **F** | Specifically refers to "Multi-power" measurement capabilities. |
| **W5** | Configuration for 3-phase, 4-wire systems with specific voltage/current ranges. |
| **R** | Power input requirement (AC Power). |
| **2** | Specific version or terminal layout code. |
---
### 4. Typical Wiring Diagram (Conceptual)
```mermaid
graph LR
A[AC Main Line] --> B[Voltage Inputs]
A --> C[Current Inputs via CT]
B --> D[M2UDS Internal Processor]
C --> D
E[Aux Power R2] --> D
D --> F[RS-485 Modbus Output]
```
- ⤷
What are the specific Modbus registers for reading kWh from this device?
- ⤷ How do I wire the RS-485 termination resistor for the M2UDS?
- ⤷ Does this model support 4-20mA analog output alongside the digital signal?