công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-FW1-R2

  • AI
    The **M2UDS-FW1-R2** is a specific model within a series of digital panel meters, typically associated with signal conversion and display for industrial automation. It is often manufactured by companies like **M-System** or similar industrial electronics providers. Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. General Specifications The device is primarily a **digital indicator** that accepts a DC voltage or current input and displays it numerically. | Feature | Specification Details | | :--- | :--- | | **Model Type** | M2UDS Series (Digital Indicator) | | **Input Signal** | 4 – 20 mA DC or 1 – 5 V DC (Model dependent) | | **Power Supply** | 100 – 240V AC or 24V DC (R2 suffix usually indicates AC) | | **Display Type** | 4-digit LED (Red) | | **Mounting** | Plug-in base / DIN Rail | --- ### 2. Key Electronic Parts and Modules The internal circuitry is divided into several functional blocks that handle signal processing and power management: #### A. Input Conditioning Circuit * **Precision Resistors:** High-stability resistors used to convert current signals (4-20mA) into a voltage that the microcontroller can read. * **Operational Amplifiers (Op-Amps):** Used for scaling and filtering input noise to ensure a clean signal. #### B. Microcontroller & Conversion * **ADC (Analog-to-Digital Converter):** Converts the analog input into a digital value. Usually has a high resolution (e.g., 12-bit or 16-bit) for precise measurement. * **MCU:** The "brain" that applies scaling factors (converting the raw voltage to a user-defined display value like 0.0 to 100.0). #### C. Power Supply Section * **Transformer/Switching Regulator:** Drops the high-voltage AC input (100-240V) to low-voltage DC (5V or 3.3V) for the internal chips. * **Electrolytic Capacitors:** Used for filtering and stabilizing the power rail to prevent display flickering. #### D. Display and Output * **7-Segment LED Modules:** The visual interface for the operator. * **Driver ICs:** Integrated circuits that manage the multiplexing of the LED segments to reduce power consumption. --- ### 3. Connection Diagram (Standard Wiring) The device typically uses a base-socket wiring system. ```text [ Terminal Layout ] 1 - 2: Input (+) and (-) 3 - 4: No Connection / Option 5 - 6: Power Supply (L / N for AC) 7 - 8: Excitation (if applicable) ``` --- ### 4. Application Context The **M2UDS-FW1-R2** is commonly found in: 1. **Water Treatment:** Displaying flow rates or tank levels. 2. **HVAC Systems:** Monitoring pressure or temperature from remote sensors. 3. **Process Control:** Serving as a local readout for PLC (Programmable Logic Controller) signals.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the scaling on the M2UDS-FW1-R2?
    • ⤷ What is the difference between the R2 and the AD power supply suffix?
    • ⤷ Can this model provide a re-transmission analog output?