công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-FG-R2SLASHCE

  • AI
    Based on the product code structure, the **M2UDS-FG-R2/CE** appears to be a specialized industrial control component, specifically a **Plug-in Digital Setpoint Setter** or an **I/O interface module** from the M-System (now MG CO., LTD) M2 series. Below is the technical breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Series** | M2 Series (Mini-M) | | **Function** | Digital Setpoint Setter (Thumbwheel Switch Input) | | **Output Type** | DC Voltage or Current (Standardized) | | **Mounting** | Plug-in Base (DIN Rail or Surface) | | **Isolation** | 3-Way Isolation (Input to Output to Power) | | **Power Input** | Options typically 100-240V AC or 24V DC | | **Compliance** | CE Marking (as indicated by the /CE suffix) | --- ## 2. Key Electronic Parts and Components ### A. Input Section (Thumbwheel Switches) The "UDS" designation refers to the user interface. It utilizes a **4-digit BCD (Binary Coded Decimal)** thumbwheel switch on the front panel. These switches allow a user to manually set a precise numerical value which the electronics then convert into a proportional analog signal. ### B. Signal Conversion & Microprocessor * **A/D & D/A Conversion:** High-resolution digital-to-analog converters ensure that the mechanical switch setting is translated into a smooth, linear output. * **EEPROM:** Used to store calibration data and configuration parameters, ensuring the device retains its settings during power cycles. ### C. Isolation Circuitry The device employs **Opto-isolators** or **Transformers** to provide galvanic isolation. This protects the sensitive control system from: * Ground loops. * High-voltage surges on the power line. * Signal noise interference. ### D. Output Driver The output stage is designed to drive standard industrial loads. Common ranges include: * **Current:** 4–20 mA DC (max load resistance usually 550Ω). * **Voltage:** 0–10V DC or 1–5V DC. --- ## 3. Suffix & Configuration Breakdown | Code Segment | Meaning | | :--- | :--- | | **M2** | Series designation (Mini-M 5.9" depth) | | **UDS** | Digital Setpoint Setter model | | **FG** | specific input/output configuration (varies by regional catalog) | | **R2** | Power input code (often signifies 24V DC or 100-240V AC) | | **/CE** | Certified for European safety, EMC, and RoHS standards | --- ## 4. Typical Applications * **Remote Setpoint:** Providing a manual target value for a PID controller or VFD. * **Calibration Source:** Serving as a steady reference signal for testing other industrial instruments. * **Manual Override:** Integrated into automated systems to allow operators to manually dictate a speed or temperature setpoint. ---
    ✨ Follow-up Questions
    • ⤷What is the exact wiring diagram for the R2 power option?
    • ⤷ How do I calibrate the zero and span on this module?
    • ⤷ Can this module output a 0-10V signal simultaneously with 4-20mA?