công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-EA-R

  • AI
    The **M2UDS-EA-R** is a specific electronic component, typically categorized as a **Digital Potentiometer** or a **Digital Step Attenuator/Isolator** module, often used in industrial control systems and signal conditioning. It is part of the M2 series (likely from manufacturers like *M-System* or *Ono Sokki*). --- ### 1. Key Technical Specifications The device functions as a transducer or a signal conditioner that converts an input signal into a specific digital/analog output. | Parameter | Specification | |:---|:---| | **Model Type** | M2UDS (Digital Setting Type) | | **Input Signal** | DC Current or Voltage (User-specified) | | **Output Type** | Relay Contact / Analog Retransmission | | **Power Supply (EA)** | 100 – 240V AC | | **Option (R)** | Relay Output or Specific Housing | | **Accuracy** | ±0.1% of span (Typical) | --- ### 2. Functional Electronic Components The internal architecture of the M2UDS-EA-R consists of several critical electronic stages: #### A. Input Conditioning Circuit * **Isolation Transformer/Optocoupler:** Provides galvanic isolation between the input signal and the processing unit to prevent ground loops. * **A/D Converter:** Converts the incoming analog process signal (e.g., 4-20mA) into a digital format for the internal microcontroller. #### B. Control & Display Unit * **Microprocessor:** Manages the logic, scaling, and linearization of the signal. * **Digital Display:** Usually features a 4-digit LED/LCD to show the current value or setpoint. * **EEPROM:** Stores user-configured parameters so that settings are not lost during power failure. #### C. Output Stage (The "R" Suffix) * **Mechanical Relays:** The "R" usually signifies **Relay Contact Output**. These are used for alarms, triggering external solenoids, or safety shutdowns. * **Switching Transistors:** Act as drivers for the relay coils. --- ### 3. Application Use Cases 1. **Industrial Alarms:** Monitoring a sensor value and triggering an alarm if it exceeds a digital setpoint. 2. **Signal Conversion:** Converting a non-standard sensor signal into a standard 4-20mA or 0-10V signal for a PLC. 3. **Local Indication:** Providing a digital readout at the machine level while sending data to a control room. --- ### 4. Wiring Diagram Overview Typically, the wiring is divided into three isolated sections: ```text [ Power Supply ] --- [ (1) L / (2) N ] [ Input Signal ] --- [ (5) + / (6) - ] [ Relay Output ] --- [ (7) COM / (8) NO / (9) NC ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific input signal range for the EA-R model?
    • ⤷ How do I calibrate the digital setpoints on this device?
    • ⤷ Are there solid-state output versions of the M2UDS series?