M2UDS-E2-R
AI

The **M2UDS-E2-R** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System** (now part of MG CO., LTD.). It is a high-performance, plug-in signal transducer designed to convert DC input signals into standard process signals.
---
### ## Technical Specifications Breakdown
The alphanumeric suffix "E2-R" defines the specific electrical characteristics of the unit:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2UDS | DC Alarm / Signal Conditioner |
| **Input (E)** | 1 – 5V DC | High-impedance voltage input. |
| **Output (2)** | 4 – 20mA DC | Standard current loop output (Load resistance max. 550Ω). |
| **Power Supply (R)** | 24V DC | Requires a regulated 24V DC power source. |
---
### ### Core Electronic Components & Architecture
The device is composed of several critical electronic stages to ensure accuracy and galvanic isolation:
1. **Input Conditioning Circuit:**
* Features high input impedance (typically 1MΩ) to prevent loading effects on the source voltage.
* Includes transient voltage suppressors (TVS) for protection against surges.
2. **Galvanic Isolation (3-Way):**
* Uses high-speed optocouplers or transformers to provide 2000V AC isolation between the **Input**, **Output**, and **Power** terminals.
* This prevents ground loops and protects sensitive PLC/DCS equipment from field-side interference.
3. **DC-DC Converter:**
* The "R" (24V DC) power stage includes a switching regulator to stabilize internal voltages and provide clean power to the isolation barrier.
4. **Output Driver:**
* A constant-current circuit that ensures the 4–20mA output remains stable regardless of fluctuations in the load resistance (up to the 550Ω limit).
---
### ### Physical and Installation Features
* **Plug-in Structure:** The electronic housing can be removed from the base without disconnecting the field wiring, facilitating easy maintenance.
* **Adjustments:** The front panel typically features **Zero** and **Span** multi-turn potentiometers for fine-tuning the calibration.
* **LED Indicator:** A power LED indicates the status of the internal electronics.
---
### ### Applications
The M2UDS-E2-R is primarily used in industrial automation to:
* Interface 1-5V sensors with 4-20mA control systems.
* Eliminate electrical noise between field instruments and the control room.
* Scale signals for better resolution in Analog-to-Digital converters.
- ⤷What is the maximum power consumption for the M2UDS-E2-R?
- ⤷ Can this unit be mounted on a standard DIN rail?
- ⤷ What are the environmental temperature limits for this device?