M2UDS-CA-R
AI

The **M2UDS-CA-R** is a specific model of a **Digital Speed Switch / Tachometer Relay** manufactured by **M-System** (now part of the MG CO., LTD group). This electronic component is primarily used in industrial automation to monitor the rotation speed of machinery and trigger alarms or control signals when specific thresholds are met.
---
### 1. Key Technical Specifications
The "M2UDS-CA-R" model code breaks down into specific electronic characteristics:
| Parameter | Specification |
|:---|:---|
| **Input Type** | Pulse Train (Contact, Voltage pulse, or Open collector) |
| **Output Type** | Dual Relay Contact (DPDT or 2 SPDT depending on configuration) |
| **Power Input** | 100 – 240V AC |
| **Frequency Range** | Typically 0.01 Hz to 100 kHz |
| **Response Time** | Max. 0.5 seconds (at frequencies > 10Hz) |
| **Accuracy** | ±0.1% of span |
---
### 2. Functional Electronic Components
The internal architecture of the M2UDS series consists of several critical stages:
#### A. Signal Conditioning Input
The input stage is designed to handle "noise" from industrial environments. It filters and shapes the incoming pulse train from sensors (like proximity switches or rotary encoders) into a clean digital signal that the internal CPU can process.
#### B. Microprocessor Control
Unlike simple analog relays, this unit uses a microprocessor to calculate the **Frequency ($f$)**. It converts the time interval between pulses into a scaled engineering unit (like RPM or m/min).
#### C. Relay Output (The "R" in the model)
The "R" suffix typically denotes the **Relay contact output**.
* **High/Low Setpoints:** You can program two independent trip points.
* **Hysteresis:** Electronic logic prevents "chatter" (rapid switching) by allowing a small dead-band before the relay resets.
---
### 3. Connection Diagram (General)
The unit uses a plug-in base (typically 11-pin or 8-pin depending on the specific series).
```text
[Input Terminal] <--- Pulse Sensor (NPN/PNP/Contact)
[Power Terminal] <--- 100-240V AC
[Output 1] <--- Relay (Common, N.O., N.C.)
[Output 2] <--- Relay (Common, N.O., N.C.)
```
---
### 4. Typical Applications
* **Overspeed Protection:** Shutting down a motor if it exceeds safe RPM.
* **Zero-Speed Detection:** Signaling a controller when a conveyor belt has stopped due to a jam or broken belt.
* **Flow Monitoring:** Converting pulses from a flow meter into a high/low flow alarm.
---
- ⤷
How do I calibrate the setpoints on the M2UDS-CA-R?
- ⤷ What is the difference between the 'CA' and 'BA' power options for this model?
- ⤷ Can this unit be used with a 3-wire NPN proximity sensor?