công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-4W5W-R2/N

  • AI
    The **M2UDS-4W5W-R2/N** is a specific model of a **Digital Transducer/Indicator** manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to convert analog signals or pulse inputs into readable digital values and retransmitted electrical signals. --- ## 1. Technical Specifications Breakdown The model number contains specific configuration codes that define its electronic behavior: | Code Segment | Parameter | Description | |:---|:---|:---| | **M2UDS** | Series Name | Ultra-slim Digital Panel Meter / Signal Conditioner | | **4W** | Input Type | DC Voltage/Current (multi-range selectable) | | **5W** | Output Type | Dual Output (e.g., 4–20mA DC and 1–5V DC) | | **R2** | Power Supply | 100–240V AC (Standard industrial mains) | | **N** | Option | No special coating / Standard specifications | --- ## 2. Key Electronic Features ### A. Signal Isolation One of the most critical electronic functions of this device is **3-way isolation**. * **Input to Output:** Protects downstream PLCs/controllers from surges. * **Input to Power:** Prevents ground loops from the source. * **Output to Power:** Ensures clean signal transmission. ### B. Display and User Interface * **4-Digit LED:** Displays the process value (PV) in real-time. * **Scaling:** The device uses internal circuitry to scale an analog input (like 0-10V) to a engineering unit (like 0.0 to 100.0%). * **Front Keys:** Allows for digital calibration and offset adjustments without needing a screwdriver or potentiometer. ### C. Input/Output Circuitry * **Input Impedance:** High impedance for voltage inputs to prevent loading the source circuit. * **Output Drive:** Designed to drive loads up to a specific resistance (typically 500-750Ω for current loops). --- ## 3. Connection Diagram Overview Internally, the electronics are organized into these terminal blocks: ```mermaid graph LR Input[Input Signal] --> Proc[Microprocessor & ADC] Proc --> Disp[LED Display] Proc --> DAC[Digital to Analog Conv] DAC --> Out1[Output 1] DAC --> Out2[Output 2] Pwr[AC Power] --> ISO[Isolation Transformer] ISO --> Proc ``` ### Terminal Assignments (General) * **Terminals 1 & 2:** Power Input (100-240V AC). * **Terminals 3 & 4:** Input Signal (+ / -). * **Terminals 5 & 6:** Output 1. * **Terminals 7 & 8:** Output 2. --- ## 4. Typical Applications * **Signal Conversion:** Converting a 0-10V signal from a sensor to a 4-20mA signal for long-distance transmission. * **Local Monitoring:** Providing a visual readout for operators on a control panel. * **Signal Splitting:** Taking one input and providing two isolated outputs to different devices (e.g., a PLC and a paperless recorder).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the scaling on the M2UDS series?
    • ⤷ What are the specific input range options for the '4W' code?
    • ⤷ Is there a DC power supply version of this model?