công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-4W0-R2/N

  • AI
    The **M2UDS-4W0-R2/N** is a specific model within the **M2UDS series**, which are high-performance **Universal Digital Signal Conditioners** (or Transmitters) manufactured by **M-System**. These devices are used in industrial automation to convert various input signals into standardized analog outputs. --- ### 1. Technical Specifications Table The alphanumeric code provides specific information about the hardware configuration: | Feature | Specification | Description | |:---|:---|:---| | **Series** | M2UDS | Universal Digital Signal Conditioner | | **Input Type** | **4** | DC Current/Voltage (Programmable) | | **Output 1** | **W** | Two mutually isolated outputs | | **Output 2** | **0** | No Output 2 (Standard single channel/dual isolated) | | **Power Input** | **R2** | 100 – 240V AC | | **Option** | **/N** | No specific special options (Standard) | --- ### 2. Core Electronic Components & Functions The device functions as a "bridge" between field sensors and a PLC/DCS. Its internal electronics focus on three main areas: #### A. Signal Processing (Input) * **A/D Converter:** Converts the incoming analog signal (e.g., 4-20mA or 0-10V) into a high-resolution digital value. * **Microprocessor:** Allows for user-programmability via the front display or PC. It handles linearization, scaling, and square root extraction. #### B. Isolation (The "R2" Section) * **Galvanic Isolation:** This is a critical electronic feature. It uses optoisolators or transformers to separate the **Input**, **Output**, and **Power** circuits. * **Purpose:** Prevents ground loops, protects sensitive equipment from high-voltage surges, and reduces electrical noise. #### C. Power Supply & Output * **Switching Regulator:** The "R2" designation indicates a wide-range AC power supply unit that regulates incoming mains voltage down to the internal DC levels required by the sensors. * **D/A Converter:** Converts the processed digital data back into a precise analog current or voltage signal for the control system. --- ### 3. Key Electronic Features * **PC Programmability:** Settings can be adjusted using a dedicated jack on the front panel without needing to open the unit. * **Dual Isolation:** Even if two outputs are used, they are isolated from each other, ensuring that a short circuit on one output loop does not affect the other. * **Diagnostic LEDs:** Integrated electronics include status indicators for power and malfunctions (e.g., input over-range). ---
    ✨ Follow-up Questions
    • ⤷ How do I program the input range for the M2UDS-4W0-R2/N?
    • ⤷ What is the specific isolation voltage rating for this model?
    • ⤷ Can this unit be used for thermocouple or RTD inputs?