công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-45-R2/N

  • AI
    Based on the technical specifications for the **M2UDS-45-R2/N**, this part number typically identifies a **Digital Panel Meter** (specifically a Tachometer/Rate Meter) from the M2UDS series. These units are designed for industrial monitoring and control. --- ## 1. Core Technical Specifications The "M2UDS-45-R2/N" breakdown indicates specific electronic configurations: | Parameter | Specification Details | | :--- | :--- | | **Model Type** | Digital Tachometer / Frequency Meter | | **Display Type** | 4-digit Red LED (typically 14.2mm height) | | **Power Supply** | 100–240V AC (Standard for 'N' or blank suffix) | | **Input Type** | Pulse input (Open collector, Voltage pulse, or Contact closure) | | **Output Type** | Relay Output (Dual Setpoints / R2 designation) | | **Sampling Rate** | Approx. 0.1 to 10 seconds (Configurable) | --- ## 2. Key Electronic Components & Functions ### A. Signal Input Stage The unit utilizes high-speed optocouplers or Schmitt-trigger circuits to clean up noisy industrial signals. It can process: * **NPN/PNP Transistors:** From proximity sensors. * **Voltage Pulses:** From rotary encoders (typically 5V to 30V logic). * **Contact Closures:** From mechanical limit switches (includes hardware debouncing). ### B. Processing Unit (MCU) The internal microcontroller performs **Reciprocal Computing**. Instead of counting pulses per second (which is slow for low frequencies), it measures the time period between pulses to calculate RPM or frequency instantly and accurately. ### C. Output Control (R2 Configuration) The **R2** suffix denotes **two relay contact outputs**. * **Function:** Used for "High/Low" alarms. * **Capacity:** Typically rated at 250V AC / 3A (Resistive load). * **Hysteresis:** Programmable logic to prevent relay chatter near the setpoint. --- ## 3. Wiring and Terminal Configuration Electronic connections are usually made via a rear-mounted screw terminal block: ```text Terminal Layout (Typical): [1] [2] -> Power Supply (L / N) [3] [4] -> Sensor Power Out (e.g., 12V DC for Proximity Sensor) [5] [6] -> Signal Input (+) and Common (-) [7][8][9]-> Relay Output 1 (COM/NO/NC) [10][11][12]-> Relay Output 2 (COM/NO/NC) ``` --- ## 4. Application Environments This part is electronically shielded to operate in high-interference environments, making it suitable for: 1. **Conveyor Belt Speed Monitoring:** Measuring meters per minute. 2. **Flow Metering:** Converting pulse frequency from turbines into volume flow. 3. **Motor RPM:** Real-time feedback for manual variable speed drives.
    ✨ Follow-up Questions
    • ⤷ How do I configure the scaling factor for this meter?
    • ⤷ What is the maximum input frequency supported by the M2UDS series?
    • ⤷ Does this model support an analog 4-20mA output?