AI

The **M2UDS-40-R2** is a specific model within a series of industrial digital timers/counters, typically manufactured by companies like **Hanyoung Nux** or similar industrial automation brands. It is designed for precise timing and control in panel-mounted industrial applications.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
The "40" in the model name generally refers to the DIN size (48x48mm), and the "R2" typically signifies the output type (Relay x 2).
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100 - 240V AC (50/60Hz) |
| **Power Consumption** | Approx. 4.5 VA |
| **Display Type** | 4-Digit 7-Segment LED (Process Value/Set Value) |
| **Output Type** | Relay Contact (250V AC 3A / 30V DC 3A) |
| **Contact Composition** | Time-limit 1c + Instantaneous 1c (or 2c Time-limit) |
| **Mounting Type** | Panel Mount (Flush) |
| **Connection** | 8-pin or 11-pin socket (depending on specific sub-variant) |
---
### 2. Electronic Component Breakdown
The internal circuitry of the M2UDS-40-R2 is composed of several functional stages:
#### A. Power Supply Unit (PSU)
* **Transformerless or SMPS Circuit:** Converts the high-voltage AC input (110/220V) into low-voltage DC (5V or 12V) to power the internal logic.
* **Smoothing Capacitors:** Used to stabilize the DC voltage and prevent ripple from affecting the timer's accuracy.
#### B. Control Logic (Microcontroller)
* **MCU:** The "brain" of the device. It handles the counting of clock pulses, manages the user settings, and triggers the output relays.
* **Crystal Oscillator:** Provides a stable frequency reference to ensure the timing functions are precise (usually within ±0.01% error).
#### C. Input/Output Interface
* **Relays:** Physical electromagnetic switches that open or close external circuits.
* **Optocouplers:** Often used on the input signal pins (Start, Reset, Inhibit) to provide galvanic isolation between the external sensors/buttons and the internal microcontroller.
#### D. User Interface
* **LED Display:** Two rows of digits (usually Red for PV and Green/Orange for SV) used to show time remaining or elapsed.
* **Tactile Switches:** Buttons on the front face allow the user to adjust the time range (seconds, minutes, hours) and the operating mode.
---
### 3. Operating Modes
Most units in this series support multiple modes of operation, which are electronically toggled via the front panel:
1. **ON-Delay:** The output turns ON after a set duration from the trigger.
2. **Interval:** The output turns ON immediately and turns OFF after the set duration.
3. **Flicker (Symmetric):** The output cycles ON and OFF repeatedly at set intervals.
4. **Signal OFF-Delay:** Timing begins when the input signal is removed.
---
### 4. Wiring Diagram Concept
* **Pins 2 & 7:** Usually the Power Supply (AC).
* **Pins 1, 3, 4:** Relay 1 (Common, NC, NO).
* **Pins 8, 6, 5:** Relay 2 (Common, NO, NC).
* **External Inputs:** Some models use specific pins for "Start", "Reset", and "Gate/Inhibit" signals.
---
- ⤷
What are the specific timing range options for the M2UDS-40-R2?
- ⤷ How do I change the operation mode from ON-Delay to Flicker?
- ⤷ What is the difference between the R1 and R2 variants of this timer?