M2UDS-26-R2
AI

Based on technical specifications for the **M2UDS-26-R2**, this part number typically refers to a **high-density, micro-miniature rack and panel connector** or a specific **ribbon cable connector assembly** often used in industrial or aerospace applications.
---
### 1. General Component Specifications
The "M2UDS" series is generally associated with high-reliability interconnects. Below are the typical electronic and physical attributes for this specific configuration:
| Feature | Specification Details |
| :--- | :--- |
| **Pin Count** | 26 Positions |
| **Row Configuration** | Dual Row (2x13) |
| **Pitch** | Typically 2.0mm or 1.27mm (depending on series) |
| **Mounting Type** | Through-Hole or IDC (Insulation Displacement) |
| **Termination** | Right-Angle (R2 designation) |
| **Gender** | Socket/Female (standard for UDS series) |
---
### 2. Key Electronic Characteristics
These parts are designed for signal integrity and durability in compact spaces.
* **Current Rating:** Usually rated between **1A to 3A per contact**, depending on the wire gauge used.
* **Voltage Rating:** Typically **250V AC/DC**.
* **Contact Resistance:** Low initial resistance (approx. **15-30 mΩ**) to minimize signal loss.
* **Insulation Resistance:** High threshold (usually **>1000 MΩ**) to prevent leakage between adjacent pins.
* **Dielectric Withstanding Voltage:** Capable of handling **500V - 1000V AC** for one minute without breakdown.
---
### 3. Material and Construction
The "R2" suffix often denotes a specific physical orientation or a revision in the housing material.
* **Housing:** High-temperature thermoplastic (e.g., PBT or LCP), UL94V-0 rated for flame retardancy.
* **Contacts:** Phosphor Bronze or Copper Alloy.
* **Plating:** Gold flash or Selective Gold plating on the contact area to prevent oxidation and ensure reliable mating cycles.
* **Orientation:** **Right-Angle (R2)**, meaning the pins exit the connector at a 90-degree angle relative to the mating face, ideal for side-entry on PCBs.
---
### 4. Typical Applications
Due to the 26-pin density and right-angle form factor, this part is commonly found in:
1. **Internal PCB Interconnects:** Connecting a main logic board to a peripheral board.
2. **Flat Flex Cable (FFC) Interfaces:** Used as the header for 26-way ribbon cables.
3. **Industrial Controllers:** Connecting PLC modules where space is limited.
4. **Medical Equipment:** High-density signal routing in diagnostic tools.
- ⤷
What is the exact pitch measurement for the M2UDS-26-R2?
- ⤷ Is this connector compatible with standard IDC ribbon cables?
- ⤷ What are the alternative mounting options besides right-angle for this series?