công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-22-R2

  • AI
    The **M2UDS-22-R2** is a specific electronic component typically categorized as a **Micro-Limit Switch** or a **Detection Switch**, often used in automotive electronics, industrial automation, and consumer peripherals. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The device is designed for low-power signal switching rather than high-power load management. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Ultra-miniature Detection Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Contact Form** | Normally Open (NO) | | **Rated Voltage** | 5V DC to 12V DC | | **Rated Current** | 1mA to 50mA (Signal level) | | **Operating Force** | ~0.5N to 1.5N | | **Mounting Type** | Surface Mount (SMD) / Right Angle | --- ### 2. Key Electronic Components & Construction #### A. Contact Material * **Gold-Plated Contacts:** Because this switch operates at very low currents (logic levels), it typically uses gold plating on the internal contacts. This prevents oxidation and ensures low contact resistance over time. * **Wiping Action:** The internal mechanism often features a "sliding" or "wiping" action to clear debris during each actuation. #### B. Housing and Insulation * **Thermoplastic Resin:** The body is usually made of high-temperature resistant plastic (LCP - Liquid Crystal Polymer) to withstand the heat of **Reflow Soldering**. * **Insulation Resistance:** Typically rated at **100MΩ minimum** at 100V DC to prevent leakage between terminals. #### C. Actuator (The "Lever") * The "R2" suffix often denotes a specific **actuator style** (likely a right-angled or specialized lever arm). * **Mechanical Life:** Designed for high durability, often rated for 100,000 to 500,000 cycles. --- ### 3. Application Circuit Example In a digital circuit, the M2UDS-22-R2 is used to signal a microcontroller (MCU) that a physical event has occurred (e.g., a door is closed or a tray is inserted). ```cpp // Typical Arduino-style logic for a detection switch int switchPin = 2; // Pin connected to M2UDS terminal void setup() { pinMode(switchPin, INPUT_PULLUP); // Use internal resistor to prevent floating } void loop() { int status = digitalRead(switchPin); if (status == LOW) { // Switch is pressed (Closed) TriggerEvent(); } } ``` --- ### 4. Common Use Cases * **Automotive:** Detecting if a seatbelt is buckled or a glovebox is closed. * **Consumer Electronics:** Detecting the insertion of a SD card or the closing of a laptop lid. * **Industrial:** Limit sensing in small robotic arms or 3D printers.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles for the M2UDS-22-R2?
    • ⤷ Can this switch handle AC voltage loads?
    • ⤷ What is the difference between the R2 and R1 variants of this switch series?