AI

The **M2UDS-20-R** is an industrial-grade **Two-Channel Digital Speed Switch** (also known as a Tachometer Relay) manufactured by **Nidec-Shimpo** (formerly Shimpo). It is designed to monitor rotational speed (RPM) and trigger specific electrical outputs when certain speed thresholds are met.
---
## 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | M2UDS-20-R |
| **Power Supply** | 85 – 264 VAC (Wide Range) |
| **Input Signals** | Pulse (Open Collector, Contact, or Voltage Pulse) |
| **Output Type** | Relay Contact (SPDT) |
| **Number of Channels** | 2 (Independent Setpoints) |
| **Display** | 5-Digit Red LED |
| **Accuracy** | ±0.01% of displayed value |
---
## 2. Key Electronic Components & Functions
### A. The Microprocessor Unit (MPU)
The heart of the device is a high-speed microprocessor that performs period measurement. Instead of counting pulses over a long duration, it measures the time between pulses to calculate instantaneous RPM with high precision.
### B. Input Signal Conditioning
The input stage is versatile, allowing the device to interface with various sensors:
* **Proximity Sensors:** Detects metal teeth on a gear.
* **Rotary Encoders:** For high-resolution feedback.
* **Magnetic Pickups:** Passive sensors that generate AC voltage.
### C. The Dual Relay System (Output)
The "20" in the model name indicates dual setpoints. These are physical **Relays** that act as switches:
1. **Lower Limit (L):** Triggers if the speed falls below a set value (e.g., machine stall).
2. **Upper Limit (H):** Triggers if the speed exceeds a set value (e.g., overspeed protection).
### D. Analog-to-Digital / Digital-to-Analog
While this specific model uses a digital display and relay output, it utilizes internal DACs to handle scaling and conversion of pulse frequencies into readable numeric data.
---
## 3. Practical Applications
* **Conveyor Monitoring:** To stop the line if a motor burns out or a belt snaps (Under-speed).
* **Engine Overspeed Protection:** To cut fuel or ignition if an engine exceeds its safe RPM limit.
* **Flow Measurement:** When connected to a turbine flow meter, it acts as a flow rate monitor.
---
## 4. Typical Wiring Configuration
```text
[ Power Supply ] ------> Terminals 1 & 2 (85-264VAC)
[ Speed Sensor ] ------> Terminals 8, 9, 10 (Signal & Power)
[ Relay Output 1] ----> Terminals 3, 4, 5 (Common, NC, NO)
[ Relay Output 2] ----> Terminals 6, 7 (Common, NO/NC)
```
- ⤷
How do you calibrate the setpoints on the M2UDS-20-R?
- ⤷ What is the difference between the 'R' suffix and other output options?
- ⤷ Can this unit provide a 4-20mA analog retransmission signal?