công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-16A-R2/N

  • AI
    The **M2UDS-16A-R2/N** is a specialized electronic component, typically categorized as a **Solid State Timer** or **Time Delay Relay**, often manufactured by companies like Omron or specialized industrial control brands. Below is a breakdown of its technical specifications, pin configuration, and operational features. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Analog/Solid State Timer Relay | | **Model Series** | M2U Series | | **Input Voltage** | Typically 100-240VAC or 24VDC (Varies by suffix) | | **Current Rating** | 16A (High capacity switching) | | **Output Type** | Relay Contact (SPDT or DPDT depending on configuration) | | **Mounting** | DIN Rail or Plug-in Socket | | **Timing Range** | Multi-range (Adjustable via front dial) | --- ## 2. Key Internal Components The device consists of several critical electronic subsystems: ### A. Control Logic (IC) The "brain" of the unit is a dedicated timing IC or a low-power microcontroller. It counts oscillations to provide high-precision timing, far more accurate than older pneumatic or thermal timers. ### B. Electromechanical Relay Unlike standard low-power timers, the **16A** designation indicates a robust internal relay. It uses heavy-duty silver alloy contacts designed to handle the inrush current of motors, heaters, or industrial solenoids. ### C. Potentiometer The front-facing dial is connected to a variable resistor (potentiometer). By changing the resistance, the user modifies the RC (Resistor-Capacitor) time constant or the digital scalar used by the timing IC. ### D. Power Supply Circuit It contains a transformerless power supply or a small switching regulator to step down the line voltage (AC) to a DC level (usually 5V or 12V) required for the internal logic. --- ## 3. Terminal/Pin Configuration *Generally, these units follow a standard 8-pin or 11-pin circular (Octal) or blade-style layout:* 1. **Power Input (A1/A2):** Terminals where the operating voltage is applied. 2. **Common (COM):** The moving part of the switch. 3. **Normally Open (NO):** Closes after the time delay (On-Delay) or opens after the delay (Off-Delay). 4. **Normally Closed (NC):** Opens after the time delay. --- ## 4. Operational Modes The **R2/N** suffix often denotes specific operational logic: * **On-Delay:** Timing begins when power is applied. The relay switches after the set time. * **Interval:** The relay switches immediately upon power-up and releases after the set time. * **Flicker:** The relay pulses on and off repeatedly at the set interval. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2UDS-16A-R2/N?
    • ⤷ Can this timer be used for both AC and DC load switching?
    • ⤷ How do I calibrate the timing range using the manual selectors?