AI

The **M2UDS-16-R/N** is a specific type of **Rotary DIP Switch** (Dual In-line Package switch) commonly used in industrial electronics for setting configurations, addresses, or modes on a printed circuit board (PCB).
Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. General Specifications
The part number indicates specific characteristics regarding its positions, output code, and physical orientation.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary DIP Switch |
| **Number of Positions** | 16 (Hexadecimal: 0-9, A-F) |
| **Actuator Style** | Upper Surface (Flush or Shaft) |
| **Output Code** | Binary Coded Hexadecimal (BCH) / Complement |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Voltage Rating** | Usually 24V DC to 50V DC |
| **Current Rating** | Switching: 25mA to 100mA |
---
### 2. Key Internal Components
The electronic functionality of the M2UDS-16-R/N is driven by its internal mechanical and conductive architecture:
* **Rotor (The Dial):** The top part that the user rotates. It houses a conductive wiper that bridges specific internal traces to create binary outputs.
* **Housing:** Typically made of high-temperature liquid crystal polymer (LCP) or PBT plastic to withstand soldering temperatures.
* **Wiper Contacts:** Usually gold-plated or silver-plated phosphor bronze to ensure low contact resistance and prevent oxidation.
* **Terminals (Pins):** These are the physical leads that connect to the PCB. In a 16-position switch, there are typically 6 pins (1 Common pin, and 4 Output pins for bits $2^0, 2^1, 2^2, 2^3$, plus an optional ground or second common).
---
### 3. Truth Table (Binary Logic)
Since this is a 16-position switch, it uses 4 bits to represent the state. When the dial is turned to a specific digit, the internal contacts close to represent that number in binary.
| Position | Pin 1 ($2^0$) | Pin 2 ($2^1$) | Pin 4 ($2^2$) | Pin 8 ($2^3$) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | OFF | OFF | OFF | OFF |
| **1** | **ON** | OFF | OFF | OFF |
| **5** | **ON** | OFF | **ON** | OFF |
| **9** | **ON** | OFF | OFF | **ON** |
| **F** | **ON** | **ON** | **ON** | **ON** |
---
### 4. Circuit Implementation
When integrating this part into a circuit, designers typically use **Pull-up Resistors**.
```cpp
// Typical Hardware Logic:
// VCC --- [Resistor] --- Input Pin --- Switch --- GND
// When Switch is OFF: Input Pin reads HIGH (1)
// When Switch is ON: Input Pin reads LOW (0)
```
### 5. Part Number Suffix Breakdown
* **-16**: Indicates 16 distinct detent positions.
* **-R**: Often refers to the "Real Code" (Output matches the position).
* **-N**: Usually indicates a standard package or non-sealed variant (though this varies by specific manufacturer like Nidec or Omron).
---
- ⤷What is the difference between Real Code and Complement Code in rotary switches?
- ⤷ What is the recommended footprint for soldering this component?
- ⤷ How do I interface this switch with an Arduino or Microcontroller?