M2UDS-150-R/N
AI

The **M2UDS-150-R/N** is a specific model within the **M2UDS Series** of universal digital indicators/controllers, typically manufactured by companies like **Shimaden**. These devices are designed for industrial process monitoring and control.
---
### 1. Key Technical Specifications
Based on the model nomenclature, here are the core electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Multi-input (Thermocouples, RTDs, DC Voltage/Current) |
| **Output (R/N)** | **R**: Relay Contact Output / **N**: None (or standard logic) |
| **Power Supply** | Usually 100-240V AC (Standard) or 24V DC (Optional) |
| **Display** | 4-digit LED display for Process Value (PV) |
| **Accuracy** | Approximately ±0.3% of full scale |
| **Sampling Period** | Approx. 0.25 to 0.5 seconds |
---
### 2. Internal Electronic Components
The device functions through several integrated circuit (IC) layers:
* **A/D Converter (Analog-to-Digital):** Converts the analog signal from sensors (like a PT100 or Type K thermocouple) into a digital signal that the microprocessor can read.
* **Microprocessor Unit (MCU):** The "brain" that executes scaling, filtering, and comparison logic against set points.
* **Isolation Circuitry:** High-quality optoisolators are used to protect the internal electronics from power surges on the input or output lines.
* **Relay Drive (The "R" suffix):** Contains a physical electromagnetic relay or a Solid State Relay (SSR) driver to trigger external alarms or heaters.
---
### 3. Wiring and Terminals
The back of the M2UDS unit features a terminal block typically organized as follows:
1. **Power Terminals:** Pins for L (Live) and N (Neutral).
2. **Input Terminals:** 3-wire RTD or 2-wire Thermocouple/DC connections.
3. **Output Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for the relay.
---
### 4. Programming Logic
The device is configured via the front panel buttons. The electronic firmware allows for:
* **Scaling:** Mapping a 4-20mA signal to a specific range (e.g., 0-100.0%).
* **Filtering:** Digital noise reduction for unstable signals.
* **Alarm Logic:** Setting "High" or "Low" trip points for the relay output.
---
- ⤷What is the specific wiring diagram for the RTD input on this model?
- ⤷ Can the M2UDS-150 be converted from Relay to SSR output via settings?
- ⤷ How do I perform a factory reset on the M2UDS series?