AI

## Overview of the M2UDS-0F-R/N
The **M2UDS-0F-R/N** is a specialized electronic component, typically categorized as a **Micro-USB 2.0 Connector**. It is designed for surface mount technology (SMT) applications and is commonly used in consumer electronics for charging and data transfer.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Gender** | Female (Receptacle) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Pins** | 5 Pins |
| **Current Rating** | ~1.0A - 1.8A (depending on manufacturer) |
| **Voltage Rating** | 30V AC/DC |
| **Durability** | ~10,000 Mating Cycles |
---
### Detailed Component Analysis
#### 1. Physical Construction
* **Housing:** Usually made of high-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures.
* **Contacts:** Copper alloy with gold plating on the contact area to ensure low electrical resistance and prevent corrosion.
* **Shell:** Stainless steel or copper alloy with nickel plating, providing structural integrity and EMI shielding.
#### 2. Pin Configuration (5-Pin Layout)
As a standard Micro-USB connector, the pinout follows this logic:
1. **VBUS:** +5V Power.
2. **D-:** Data Negative.
3. **D+:** Data Positive.
4. **ID:** Identification (distinguishes between Host/Slave in OTG).
5. **GND:** Ground.
#### 3. Mounting Features
* **SMT Leads:** The signal pins are soldered directly to the surface pads of the PCB.
* **Shell Tabs:** These are often "through-hole" or "SMT" tabs that provide mechanical anchoring to the board, preventing the connector from being ripped off during cable insertion/removal.
---
### Implementation Code (Example Footprint Naming)
In PCB design software (like Altium or KiCad), this part might be referenced or defined in a library as follows:
```text
Library Name: Connectors_USB
Footprint: USB_Micro-B_M2UDS-0F
Description: 5-pin Micro USB 2.0 Receptacle, Right Angle, SMT
```
---
### Common Applications
* **Mobile Devices:** Smartphones, tablets, and e-readers.
* **Peripherals:** Wireless mice, keyboards, and headphones.
* **IoT Modules:** Powering ESP32 or Arduino-based development boards.
* **Battery Chargers:** Portable power banks and charging docks.
- ⤷What are the specific soldering temperature profiles for the M2UDS-0F-R/N?
- ⤷ Does this connector support USB On-The-Go (OTG) functionality?
- ⤷ What is the difference between the -R and -N suffixes in this part number?