M2UDS-00-R
AI

The **M2UDS-00-R** is a specific electronic component, typically associated with industrial automation and sensing technology. It is most commonly identified as a **Cylindrical Proximity Sensor** or a related accessory (such as a connector or mounting kit) from manufacturers like **OMRON** or similar industrial suppliers.
Below is an explanation of its electronic and physical characteristics.
---
### 1. General Specifications
The "M2" prefix usually denotes an M12 thread size, while the "UDS" suffix often refers to its sensing method or output configuration.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Inductive Proximity Sensor / Connector |
| **Housing Diameter** | M12 (12mm metric thread) |
| **Material** | Usually Nickel-plated brass or Stainless steel |
| **Output Type** | Typically DC 3-wire or AC/DC 2-wire (depending on specific sub-series) |
| **Connection Type** | Connectorized (R-suffix often indicates a specific cable or rotatable connector) |
---
### 2. Key Electronic Characteristics
Electronic sensors like the M2UDS-00-R operate based on electromagnetic field changes. Here are the core electronic parts:
* **Oscillator Circuit:** Generates a high-frequency electromagnetic field from the sensing face.
* **Schmitt Trigger:** A circuit that converts the analog signal from the oscillator into a clean "High" or "Low" digital signal.
* **Output Amplifier:** Usually a Transistor (NPN or PNP) that handles the switching of the external load.
* **Protection Circuitry:** Often includes:
* **Reverse Polarity Protection:** Prevents damage if wires are connected backwards.
* **Surge Suppressor:** Absorbs voltage spikes from inductive loads.
* **Short-circuit Protection:** Shuts down the output if the current exceeds safe levels.
---
### 3. Pinout and Connection (M12 Standard)
If the device is a standard M12 4-pin electronic part, the wiring typically follows this logic:
| Pin Number | Color | Function |
| :--- | :--- | :--- |
| **1** | Brown | Positive Power Supply (+VDC) |
| **2** | White | Secondary Output (NC or Analog) |
| **3** | Blue | Negative Power Supply (0V) |
| **4** | Black | Primary Switching Output (NO) |
---
### 4. Typical Applications
* **Object Detection:** Detecting the presence of metallic parts on a conveyor.
* **Positioning:** Ensuring a robotic arm or machine slide is at its "home" position.
* **Counting:** High-speed counting of metal components in manufacturing.
- ⤷
What is the sensing distance for the M2UDS-00-R?
- ⤷ Is this part NPN or PNP logic compatible?
- ⤷ Does the '-R' suffix signify a right-angle connector or a specific environmental rating?