M2TT-N6-R2
AI

The **M2TT-N6-R2** is a specific part number belonging to the **M2 series** of miniature toggle switches, manufactured by **Nidec Components (formerly Copal Electronics)**. These switches are designed for PC board mounting and are known for their high reliability and compact footprint.
---
### 1. Key Technical Specifications
The "M2TT-N6-R2" code defines the physical and electrical characteristics of the switch.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switching Function** | ON-ON (Two maintained positions) |
| **Contact Rating** | Max: 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC |
| **Mounting Type** | Through-hole (PC Terminal) |
| **Actuator Style** | Standard Toggle |
| **Terminal Protection** | Epoxy sealed to prevent flux entry |
---
### 2. Breakdown of Part Numbering
Manufacturers use specific strings to denote the build of the component. Here is how the M2TT-N6-R2 is likely structured based on Nidec/Copal standards:
* **M2**: Series designation (Miniature Toggle Switches).
* **TT**: Often indicates the terminal style or double-pole configuration.
* **N6**: Specific to the rating or the actuator length/style.
* **R2**: Packaging or RoHS compliance/Revision marker.
---
### 3. Electrical & Material Properties
These switches are engineered for industrial and professional electronic equipment.
* **Contact Resistance:** Typically less than 10mΩ to 20mΩ initially.
* **Dielectric Strength:** Usually rated at 1,000V AC for one minute.
* **Insulation Resistance:** Minimum 1,000MΩ at 500V DC.
* **Mechanical Life:** Generally rated for 50,000 to 100,000 cycles.
* **Operating Temperature:** Typically ranges from -25°C to +85°C.
---
### 4. Common Applications
Due to its DPDT configuration (allowing it to control two separate circuits simultaneously), this part is commonly used in:
* **Industrial Controls:** Mode selection or power switching.
* **Communication Equipment:** Signal routing.
* **Medical Instrumentation:** User interface controls.
* **Testing & Measurement:** Powering on/off or switching between test modes.
---
### 5. Mechanical Dimensions
While exact dimensions should be verified via the datasheet, the M2 series typically follows these standards:
```text
Terminal Pitch: 4.7mm or 5.08mm
Actuator Length: ~10mm to 12mm
Body Width: ~12.5mm (for DPDT models)
```
- ⤷What is the difference between SPDT and DPDT in the M2 series?
- ⤷ Does the M2TT-N6-R2 require a specific soldering temperature profile?
- ⤷ Can this switch be used for high-frequency signal switching?