M2TT-N1-R
AI

The **M2TT-N1-R** is a specific model of a miniature toggle switch, commonly manufactured by **NKK Switches**. It belongs to the M2 series, which is known for its high reliability and "logic level" performance.
---
### 1. Part Number Breakdown
To understand the electronic capabilities, we can decode the part number suffix by suffix:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2** | Series | Process-sealed miniature toggles. |
| **TT** | Actuator | Standard Bat Lever (approx. 10.5mm height). |
| **N1** | Circuit/Function | **SPDT** (Single Pole Double Throw) - ON-NONE-ON. |
| **R** | Terminals | Right Angle PC (Printed Circuit) Mount. |
---
### 2. Electrical Specifications
These parts are designed primarily for **logic-level** switching rather than high-power AC applications.
* **Contact Rating:** 0.4VA maximum @ 28V AC/DC maximum.
* **Contact Resistance:** 50 milliohms maximum.
* **Insulation Resistance:** 500 Megohms minimum @ 500V DC.
* **Dielectric Strength:** 500V AC minimum for at least one minute.
* **Mechanical Life:** 100,000 operations minimum.
---
### 3. Key Electronic Features
#### A. Logic Level Application
Unlike standard switches that use silver contacts, the "R" and "G" variants of this series typically use **gold-plated contacts**. Gold is used because it does not oxidize, ensuring a reliable connection when switching very low currents (milliamps) where there is no "arc" to burn off oxidation.
#### B. Process Sealed Construction
The "M2" series features a **totally sealed body**.
* **Electronic benefit:** This allows the PCB to be subjected to automated wave soldering and full-immersion cleaning processes without flux or contaminants entering the switch mechanism.
* **Construction:** Usually involves an ultrasonic welding of the case and epoxy sealing at the base of the terminals.
#### C. Mounting Configuration
The **N1-R** designation indicates a right-angle orientation. This is used when the toggle needs to protrude through a side panel while the switch body is soldered flat onto a horizontal PCB.
---
### 4. Typical Wiring Diagram (SPDT)
```text
[Terminal 2 - Common]
/
/
[Term 1] [Term 3]
Position 1: Terminals 2 & 3 connected.
Position 2: Terminals 2 & 1 connected.
```
- ⤷
What is the difference between gold and silver contacts in toggle switches?
- ⤷ Can this switch handle 120V AC household power?
- ⤷ What are the dimensions for the PCB footprint of the M2TT series?