công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TT-80-R2

  • AI
    The **M2TT-80-R2** is a high-performance, small-form-factor cooling solution specifically designed for **M.2 2280 NVMe SSDs**. It is categorized under thermal management components in electronics. Below is a breakdown of its technical specifications, electronic considerations, and components. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Compatible Format** | M.2 2280 (22mm x 80mm) | | **Cooling Type** | Active (Fan-Assisted) + Passive (Heatsink) | | **Fan Voltage** | 12V DC (standard) | | **Connector Type** | 4-Pin PWM (Pulse Width Modulation) | | **Material** | Aluminum Fin Stack + Copper Heatpipe (on R2 revisions) | | **Dimensions** | Approx. 80mm x 24mm x 20mm | --- ### 2. Core Electronic Components The "parts" of this unit function together to manage the thermal energy generated by high-speed NAND flash and controllers: #### A. The PWM Fan Motor The "active" part of the R2 model is the integrated blower or axial fan. * **Speed Control:** It utilizes a **4-pin PWM interface**, allowing the motherboard's BIOS or OS to adjust RPM based on the SSD's temperature sensor. * **Current Draw:** Typically operates at very low amperage (0.05A to 0.1A), ensuring it doesn't overload the motherboard fan headers. #### B. The Thermal Interface Material (TIM) Electronic heat transfer requires a medium to fill microscopic air gaps between the SSD chips and the metal heatsink. * **Thermal Pads:** The kit usually includes high-conductivity silicone-based pads. * **Gap Bridging:** It ensures that the Controller (the hottest part) and the NAND Flash chips make direct thermal contact with the aluminum. #### C. The Heatsink Structure * **Anodized Aluminum:** Provides the surface area required for heat dissipation. * **Heatpipe (Optional in R2):** Some R2 revisions include a small copper heatpipe to rapidly move heat away from the SSD controller toward the fin stack. --- ### 3. Installation Electronic Layout When installing the M2TT-80-R2, the electronic "sandwich" layers are as follows: 1. **Bottom Tray:** Stainless steel or aluminum base. 2. **Thermal Pad (Bottom):** Protects the PCB of the SSD. 3. **M.2 SSD:** The electronic device being cooled. 4. **Thermal Pad (Top):** Transfers heat from chips to the heatsink. 5. **Main Heatsink/Fan Unit:** The M2TT-80-R2 assembly. --- ### 4. Why this part is necessary High-end Gen4 and Gen5 NVMe SSDs can reach temperatures exceeding **80°C**. When this happens, the SSD's onboard controller triggers **thermal throttling**, intentionally slowing down data transfer rates to prevent hardware damage. The M2TT-80-R2 prevents this by maintaining temperatures within the optimal **40°C - 55°C** range.
    ✨ Follow-up Questions
    • ⤷ Does the M2TT-80-R2 require a specific header on the motherboard?
    • ⤷ What is the difference between the R1 and R2 versions of this cooler?
    • ⤷ Can this cooler be used on double-sided M.2 NVMe drives?