M2TT-80-R/N
AI

The **M2TT-80-R/N** is a specific model of an industrial-grade **Solid State Relay (SSR)**, typically manufactured by companies like **MGRLE** or similar industrial automation brands. It is designed to switch high-current AC loads using a low-voltage DC input.
---
### Technical Specifications
Below are the primary electronic characteristics of the M2TT-80-R/N:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Solid State Relay (SSR) - Dual Path (2-Phase) |
| **Load Current** | 80 Amperes |
| **Load Voltage** | 24 - 480V AC |
| **Control Voltage** | 4 - 32V DC |
| **Switching Type** | Zero Cross Switching (typically) |
| **Output Component** | Back-to-back Thyristors (SCR) |
| **Isolation** | Photoelectric Isolation |
---
### Key Electronic Components & Functions
1. **Input Circuit (Control Side):**
* **Optocoupler:** Provides electrical isolation (typically up to 2500V or 4000V) between the low-voltage control circuit and the high-voltage load. This protects the PLC or microcontroller from surges.
* **LED Indicator:** A built-in status light that illuminates when the control voltage is applied.
2. **Zero-Cross Detection:**
* This internal circuit ensures the relay only switches "ON" when the AC sine wave crosses the zero-voltage point. This reduces electromagnetic interference (EMI) and prevents high inrush current stress on the load.
3. **Output Circuit (Power Side):**
* **Dual SCR (Silicon Controlled Rectifiers):** Unlike mechanical contacts, it uses semiconductors to switch the load. The "80" in the model name signifies its ability to handle up to **80 Amps**.
* **RC Snubber:** Usually integrated to protect the SCRs against high rates of voltage rise ($dv/dt$) and inductive kicks from motors or transformers.
4. **Heat Dissipation Base:**
* The bottom plate is made of high-conductivity metal (aluminum or copper). Because SSRs generate heat (approx. 1.2 to 1.5 Watts per Ampere), this part must be mounted to a **heat sink** with thermal paste.
---
### Comparison: SSR vs. Mechanical Relay
| Feature | M2TT-80-R/N (SSR) | Mechanical Relay |
| :--- | :--- | :--- |
| **Lifespan** | Near infinite (no moving parts) | Limited (mechanical wear) |
| **Switching Speed** | Very Fast (<10ms) | Slow (20ms - 50ms) |
| **Acoustic Noise** | Silent | Audible Click |
| **Heat Generation** | High (requires cooling) | Low |
---
### Application Notes
* **Protection:** It is highly recommended to use a **Fast-Acting Fuse** or a **Varistor (MOV)** in parallel with the output to protect the semiconductor from overvoltage transients.
* **Mounting:** Ensure the mounting surface is flat. Overheating is the #1 cause of failure for the M2TT series.
- ⤷
What is the difference between Zero-Cross and Random switching in SSRs?
- ⤷ How do I calculate the required heat sink size for an 80A SSR?
- ⤷ Can this relay be used to control DC loads instead of AC?