M2TT-7F-R2/BL
AI

The **M2TT-7F-R2/BL** refers to a high-performance, miniature industrial toggle switch typically manufactured by companies like **Nidec Copal Electronics** (formerly Fujisoku). This specific series is designed for PC board mounting and is known for its high reliability in logic-level and power applications.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this part series:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON - ON |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC |
| **Terminal Type** | Right Angle PC Terminal (Horizontal Mount) |
| **Actuator Style** | Standard Bat Toggle |
| **Operating Temp** | -20°C to +85°C |
| **Insulation Resistance** | 1000MΩ Min. |
| **Dielectric Strength** | 1500VAC for 1 minute |
---
### 2. Electronic Component Breakdown
The part number suffix and prefix represent specific engineering choices for the circuitry:
* **M2T Series:** Indicates the "M2" miniature series, characterized by a process-sealed structure that protects the internals during soldering and cleaning.
* **7F Logic:** Typically denotes the specific mounting orientation and terminal spacing. The **"7"** often refers to a Right-Angle (RA) mounting style, allowing the toggle to be accessed from the side of a PCB.
* **R2 (Contact Material):** Usually signifies silver-plated contacts. Silver provides excellent conductivity for power applications but may require a minimum load to "wipe" oxidation.
* **BL (Color/Finish):** Often refers to the aesthetic finish or a specific locking lever/bezel color, in this case, **Black**.
---
### 3. Applications and Use Cases
The M2TT-7F-R2/BL is commonly found in environments requiring robust physical UI elements:
1. **Industrial Control Panels:** Used for mode selection where space on the PCB is limited.
2. **Telecommunications:** Signal switching in networking hardware.
3. **Medical Equipment:** High-reliability switching for diagnostic tools.
4. **Audio/Visual:** Routing signals in professional rack-mounted gear.
---
### 4. Mounting Geometry
Because this is a **Right-Angle (R2/7F)** part, the pins are bent at 90 degrees. This allows the switch to sit flat on the PCB while the toggle protrudes through the side of the device enclosure.
```text
Toggle Handle
||
________||________
| Switch |
| Body |
|__________________|
| | | <-- Right Angle Pins
|__|__| (Plug into PCB)
```
- ⤷What is the difference between silver and gold contacts for this switch series?
- ⤷ Can this switch be used in a wash-down environment?
- ⤷ What are the PCB hole diameter requirements for the M2TT series?