M2TT-76-R2/CE
AI

The **M2TT-76-R2/CE** is a high-precision, industrial-grade mechanical limit switch, typically manufactured by companies like **Azbil (formerly Yamatake)**. These switches are designed for heavy-duty applications requiring high environmental resistance and electrical reliability.
### 1. Key Technical Specifications
The following table outlines the core electronic and physical parameters:
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | 1NO / 1NC (Single Pole Double Throw - SPDT) |
| **Actuator Type** | Top Roller Plunger |
| **Rated Voltage** | 250V AC / 125V DC (Typical) |
| **Current Rating** | 10A (Resistive Load) |
| **Protection Rating** | IP67 (Dust-tight and Water immersion) |
| **Standard Compliance** | CE, UL, CSA |
---
### 2. Electronic Components and Operation
The internal mechanism is designed to translate mechanical movement into an electrical signal.
* **Snap-Action Mechanism:** The "M2" series usually utilizes a snap-action switch. This ensures that the transition between the Normally Open (NO) and Normally Closed (NC) states happens almost instantaneously, reducing electrical arcing and extending contact life.
* **Contact Material:** High-quality silver or gold-plated contacts are used to ensure low contact resistance and high conductivity, even at low voltages.
* **Insulation Resistance:** Designed to provide over 100 MΩ (at 500V DC) to prevent leakage currents between terminals.
* **Dielectric Strength:** Capable of withstanding roughly 1,000V to 1,500V AC for one minute without breakdown.
---
### 3. Application Use Cases
Because of its **R2 (Roller Plunger)** actuator and **CE** certification, it is frequently used in:
1. **Conveyor Systems:** Detecting the position of pallets or boxes.
2. **CNC Machinery:** Serving as an "End Stop" or "Home" position sensor.
3. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied.
4. **Automated Assembly Lines:** Counting or timing the passage of mechanical arms.
---
### 4. Wiring Diagram Concept
The terminal arrangement usually follows a standard industrial pattern:
```text
Terminal 1 (COM) ---- Common Source
Terminal 2 (NC) ---- Normally Closed (Circuit active when idle)
Terminal 3 (NO) ---- Normally Open (Circuit active when pressed)
```
- ⤷
What is the maximum operating frequency for the M2TT series?
- ⤷ How does the IP67 rating impact its performance in oily environments?
- ⤷ What are the recommended wire gauges for these terminals?