M2TT-70-R/N
AI

The **M2TT-70-R/N** is a specific type of industrial rotary joint (also known as a rotary union or slip ring assembly depending on the internal configuration) typically used for transmitting media or signals between a stationary source and a rotating component.
Below is a breakdown of the electronic and mechanical characteristics of this component series.
---
### 1. General Specifications
The "M2" series generally refers to high-speed, precision components. Here is a technical overview:
| Feature | Description |
| :--- | :--- |
| **Model Type** | Rotary Joint / Union |
| **Circuit Count** | Typically 2 main channels (indicated by the '2') |
| **Max Pressure** | Varies by media (usually up to 1.0 - 2.0 MPa) |
| **Max RPM** | High-speed capability (up to 3,000+ RPM depending on seals) |
| **Connection Type** | Threaded or Flange (R/N suffix usually denotes thread type/direction) |
---
### 2. Key Components & Electronics
While primarily a mechanical interface for fluid or air, the electronic integration involves sensors and conductivity paths:
* **Integrated Slip Rings (Optional):** In many "M2" configurations, the unit may include electrical slip rings to transfer power or data (Ethernet, PLC signals) while the joint is spinning.
* **Precision Bearings:** Utilizes high-grade ball bearings to minimize torque and electrical noise (EMI) if signals are being passed through.
* **Sealing Technology:** Mechanical seals made of Silicon Carbide or Carbon Graphite to prevent leaks that could damage surrounding electronic sensors.
* **Rotary Position Feedback:** Often paired with external encoders or proximity sensors to monitor the rotation speed and position.
---
### 3. Suffix Breakdown (R/N)
The suffix in these model numbers is critical for installation:
1. **"R" (Right-Hand):** Indicates right-hand threads for the rotor connection.
2. **"N" (Nominal/Standard):** Can refer to standard porting or a specific mounting orientation.
3. **T/T:** Often refers to "Twin" or "Tandem" flow paths, allowing for both supply and return through a single joint.
---
### 4. Typical Applications
These parts are commonly found in:
* **Semiconductor Manufacturing:** For cooling rotating wafer chucks.
* **CNC Machining:** Delivering coolant through the spindle.
* **Robotics:** Passing pneumatic air and sensor signals through a 6th-axis wrist.
* **Printing Presses:** Managing ink temperature through rotating drums.
---
- ⤷What is the maximum voltage rating for the slip ring portion of this unit?
- ⤷ Are there specific maintenance requirements for the mechanical seals in the M2TT series?
- ⤷ How do I distinguish between the 'R' and 'L' thread types during installation?