AI

The **M2TT-61-R** is a specific model of a miniature toggle switch, typically manufactured by **NKK Switches**. It belongs to the M series, which is known for its durability and variety of mounting and circuit options.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and mechanical characteristics of the M2TT-61-R:
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | DPDT (Double Pole, Double Throw) |
| **Switch Function** | ON - NONE - ON |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Mounting Type** | Through Hole, Right Angle (Horizontal) |
| **Actuator Type** | Standard Bat Lever |
| **Terminal Type** | PC Pin (Gold plated) |
| **Mechanical Life** | 100,000 Cycles minimum |
---
### 2. Detailed Component Breakdown
#### A. Contact Mechanism (Logic Level)
Unlike heavy-duty switches, the "R" suffix in the M2 series usually denotes **gold-plated contacts**.
* **Purpose:** Designed specifically for low-energy "logic level" circuits where voltage and current are minimal.
* **Benefit:** The gold plating prevents oxidation, ensuring high reliability in digital signal switching where a standard silver contact might fail due to lack of an "arc" to clean the surface.
#### B. DPDT Configuration
The **Double Pole, Double Throw** configuration means the switch controls two separate circuits simultaneously. Each "pole" has two positions it can connect to, making it highly versatile for:
* Reversing motor polarity.
* Switching between two different signal sources.
* Simultaneous switching of power and an LED indicator.
#### C. Physical Orientation (Right Angle)
The "TT" and the specific model numbering indicate a **Right Angle PC Mount**. This means:
* The pins are bent at 90 degrees.
* When soldered to a Printed Circuit Board (PCB), the toggle actuator sticks out from the side (parallel to the board), making it ideal for edge-mounting on handheld devices or rack equipment.
---
### 3. Application Use-Cases
* **Telecommunications:** Routing low-voltage signals.
* **Medical Equipment:** Used in handheld diagnostic tools.
* **Audio/Visual:** Signal path toggling in mixers or pedals.
* **Industrial Controls:** Reset or mode-selection switches on internal PCB assemblies.
---
- ⤷
What is the difference between silver and gold contacts in the NKK M series?
- ⤷ How do I wire a DPDT switch for motor polarity reversal?
- ⤷ What are the physical dimensions for the PCB footprint of the M2TT-61-R?