công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TT-5B-R/CE

  • AI
    The **M2TT-5B-R/CE** is a high-performance, dual-stage, rotary vane vacuum pump manufactured by **Edwards Vacuum** (specifically within the nEXT/mEXT/RV series ecosystem, often associated with turbomolecular pump backing or laboratory applications). Below is an analysis of its core electronic and electromechanical components. --- ## 1. Core Technical Specifications The electronics of this unit are designed to manage motor torque, thermal protection, and power distribution. | Feature | Specification | | :--- | :--- | | **Motor Type** | High-torque, permanent split capacitor (PSC) | | **Input Voltage** | 100-115V / 200-240V (Switchable/Universal) | | **Frequency** | 50 / 60 Hz | | **Power Rating** | Approx. 450W - 550W | | **Compliance** | CE Marked / RoHS Compliant | --- ## 2. Key Electronic Components ### A. Integrated Motor Protection The pump features a **Thermal Overload Protector**. - **Function:** If the pump stays in a stalled state or operates at high pressure for too long, the internal temperature rises. - **Electronic Action:** A bimetallic switch or thermistor cuts power to the motor windings to prevent permanent insulation failure. It typically features an automatic reset once the unit cools. ### B. Mode Selector (The "R/CE" Designation) The "CE" suffix indicates European Conformity, meaning the electronics include: - **EMC Filters:** To reduce electromagnetic interference with other laboratory equipment. - **Enclosure Rating:** Typically IP44 or higher, protecting the internal wiring from light splashes and dust. ### C. Voltage Selector Switch Most "M2" series pumps are dual-voltage. - **Internal Wiring:** The electronics include a manual toggle or jumper configuration to switch between series and parallel winding connections (110V vs 230V). - **Warning:** Operating at the wrong voltage setting will blow the internal fuse or burn the motor starter capacitor. ### D. Start/Run Capacitors As a single-phase AC motor, it relies on capacitors to create a phase shift: - **Start Capacitor:** Provides the initial torque to overcome the "stickiness" of cold vacuum oil. - **Run Capacitor:** Optimizes efficiency and power factor during continuous operation. --- ## 3. Connectivity and Interface The unit typically uses standard industrial connectors for integration into a larger vacuum system: 1. **IEC C13/C14 Inlet:** Standard power connection point. 2. **On/Off Rocker Switch:** Usually includes an internal neon or LED lamp to indicate power status. 3. **Grounding Post:** Essential for safety, ensuring the metal chassis is bonded to the earth to prevent static buildup from gas flow. --- ## 4. Maintenance Electronic Checkpoints When troubleshooting the electronics of the M2TT-5B-R/CE, focus on these areas: ```python # Troubleshooting Logic if pump_wont_start: check_fuse("Main Power Inlet") check_voltage_selector("Ensure it matches wall outlet") inspect_capacitor("Look for bulging or leaking fluid") elif pump_hums_but_no_turn: test_start_capacitor("Check microfarad (uF) rating") check_motor_windings("Measure resistance with multimeter") ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring steps for switching between 110V and 220V on this model?
    • ⤷ How often should the motor capacitors be replaced in a high-duty cycle environment?
    • ⤷ Does this model support remote control via an RS232 or RS485 interface?