AI

The **M2TT-5A-R2/N** belongs to a specific category of miniature, high-reliability toggle switches, often utilized in industrial control panels, medical equipment, and telecommunications.
Below is a detailed breakdown of its electronic and physical characteristics.
---
### 1. Technical Specifications
The "M2" series generally identifies the miniature toggle line, while the suffixes define the specific electrical behavior and terminal plating.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switching Function** | ON - ON |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC |
| **Terminal Type** | Solder Lug / PC Terminals (depending on sub-variant) |
| **Contact Material** | Silver (R2 indicates specific contact plating) |
| **Actuator Style** | Standard Bat Lever |
---
### 2. Component Breakdown
#### A. Contact Configuration (DPDT)
The **Double Pole Double Throw** setup means this switch can control two separate circuits simultaneously. It has six terminals:
* **Two Common Pins:** The input source.
* **Four Output Pins:** Two for the "Up" position and two for the "Down" position.
* **ON-ON Function:** Unlike a momentary switch, this is a maintained switch. It stays in the position it is moved to.
#### B. The "R2" Designation
In electronic parts coding for this series, the **R2** usually refers to the **Contact Material and Rating**.
* **Silver Contacts:** High conductivity, ideal for power applications (up to 6 Amps).
* **Mechanical Life:** Typically rated for 50,000 to 100,000 cycles.
#### C. Environmental Rating (/N)
The **/N** suffix often relates to the finish or specific environmental compliance:
* **Bushings:** Usually threaded for panel mounting.
* **Nitrogen/Sealing:** In some manufacturer contexts, this indicates a specific sealing process or a "non-shorting" (break-before-make) contact mechanism.
---
### 3. Application Use Cases
Due to its miniature form factor and high pole count (DPDT), it is commonly used for:
1. **Polarity Reversal:** Wiring a DC motor to run forward or backward.
2. **Signal Routing:** Switching an audio or data signal between two different outputs.
3. **Power Redundancy:** Switching a device between a Battery source and an AC Adapter source.
---
### 4. Wiring Diagram Example (DPDT)
```text
[Terminal 1] [Terminal 4] <-- Output A (Position 1)
[Terminal 2] [Terminal 5] <-- Common (Input)
[Terminal 3] [Terminal 6] <-- Output B (Position 2)
```
- ⤷
What is the physical mounting hole diameter required for the M2TT series?
- ⤷ Can this switch be used for low-current logic level switching?
- ⤷ What is the difference between the R2 and G2 contact plating options?