M2TT-4G-R/BL
AI

The **M2TT-4G-R/BL** is a specialized electronic component, typically classified as a **Miniature Toggle Switch**. These switches are commonly used in industrial control panels, telecommunications equipment, and medical devices due to their reliability and compact footprint.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Technical Specifications
The following table outlines the core electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | On-On |
| **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC |
| **Mounting Type** | Panel Mount / Through Hole (depending on pin style) |
| **Actuator Style** | Standard Lever |
| **Illumination** | Non-Illuminated (BL usually refers to Black finish/handle) |
---
### 2. Key Electronic Features
#### A. Circuitry: DPDT (Double Pole Double Throw)
This part controls two separate circuits simultaneously. Each "pole" has a common terminal that can be connected to one of two "throw" terminals. This allows for:
* Switching between two different power sources.
* Reversing the polarity of a DC motor.
* Controlling two different LED indicators at once.
#### B. Contact Materials
Usually constructed with silver or gold-plated copper alloy contacts.
* **Silver:** High conductivity for power switching.
* **Gold:** Prevents oxidation, ideal for low-level logic signals where resistance must be kept to a minimum.
#### C. Environmental Durability
The "R" in the suffix often denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, ensuring the part is lead-free. The construction typically involves high-temperature plastics (Diallyl Phthalate) to withstand soldering heat.
---
### 3. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M2** | Series designation (Miniature Toggle) |
| **TT** | Terminal type (likely PC Tail or Solder Lug) |
| **4G** | Contact material/rating code (often indicates Gold/Silver mix) |
| **R** | RoHS Compliant |
| **BL** | Finish/Color (Black lever or bushing) |
---
### 4. Implementation Example
If you are integrating this switch into a circuit, here is a basic schematic representation for a polarity reverser:
```text
[Source +] [Source -]
| |
Pin 2 (Common A) Pin 5 (Common B)
/ \ / \
Pin 1 Pin 3 Pin 4 Pin 6
(Output +) (Output -) (Output -) (Output +)
```
- ⤷
What are the specific dimensions for the panel cutout for the M2TT series?
- ⤷ Can this switch handle DC voltages higher than 30V?
- ⤷ What is the mechanical life expectancy (number of cycles) for this model?