M2TT-4E-R2
AI

The **M2TT-4E-R2** is a specialized electronic component typically used in high-frequency RF (Radio Frequency) and microwave applications. It belongs to a family of **Double-Balanced Mixers** or **Transformers**, often manufactured by companies like Mini-Circuits (though "M2TT" can sometimes refer to specific custom OEM variations).
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical electronic characteristics for this series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | RF Transformer / Double Balanced Mixer |
| **Frequency Range** | 0.5 MHz to 1000 MHz (Varies by sub-model) |
| **Impedance Ratio** | 4:1 (Common for the '4E' designation) |
| **Termination** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +85°C |
| **Configuration** | Case Style TT167 or similar |
---
### 2. Key Electronic Functions
The M2TT-4E-R2 performs several critical roles in a circuit:
* **Impedance Matching:** The "4E" often denotes a 4:1 impedance ratio. This allows the component to match a 50-ohm system to a 200-ohm load, or vice versa, minimizing signal reflection and power loss.
* **Signal Isolation:** As a transformer-based part, it provides galvanic isolation between different stages of an RF front-end.
* **Balanced-to-Unbalanced Conversion (Balun):** It converts unbalanced signals (like those from a coaxial cable) into balanced signals (required for differential inputs in modern ADCs or amplifiers).
* **Low Insertion Loss:** Engineered to ensure that very little signal strength is lost as the frequency passes through the component.
---
### 3. Physical & Material Composition
* **Core Material:** Usually utilizes a **Ferrite Toroid** core to handle high-frequency magnetic flux efficiently.
* **Lead Finish:** RoHS compliant (usually Matte Tin or Gold plating depending on the specific revision).
* **Packaging:** Supplied in Tape and Reel (`-R2` often indicates the reel size or packaging quantity/type).
---
### 4. Common Applications
1. **Communications Equipment:** Used in cellular base stations and VHF/UHF radio systems.
2. **CATV/Broadband:** Signal distribution and impedance matching in cable television hardware.
3. **Test Instrumentation:** Integrated into signal generators and spectrum analyzers to maintain signal integrity.
- ⤷
What is the specific insertion loss rating for the M2TT-4E-R2 at 500 MHz?
- ⤷ Can this component be used in power amplifier stages
- ⤷ or is it strictly for small signals?
- ⤷ How does the 4:1 impedance ratio affect the voltage transformation in this circuit?