M2TT-4D-R2/Q
AI

The **M2TT-4D-R2/Q** is a specialized electronic component, typically classified as a **miniature toggle switch** or a specific sub-assembly used in industrial control panels. While the exact prefix can vary by manufacturer (often associated with brands like NKK Switches or similar industrial hardware providers), the part number breaks down into specific electromechanical characteristics.
---
### 1. Technical Specifications
The following table outlines the general electronic and physical characteristics of this component series:
| Feature | Specification Details |
| :--- | :--- |
| **Switch Type** | Toggle Switch (Miniature) |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switching Function** | On-On (maintaining position in both states) |
| **Contact Rating** | Typically 6A @ 125V AC or 3A @ 250V AC |
| **Terminal Type** | Right Angle PC Mount (indicated by R2 suffix) |
| **Actuator Style** | Standard Bat Lever |
| **Mounting Type** | Through-hole PCB mounting |
---
### 2. Key Electronic Components & Materials
To understand the "parts" inside this component, we must look at its construction:
* **Contacts (The Conductors):** Usually made of silver alloy or gold-plated brass. Silver is used for power applications, while gold is used for "dry circuits" (low voltage/current) to prevent oxidation.
* **The Housing (Insulator):** Constructed from Diallyl Phthalate (DAP) or high-grade Polyamide. These materials provide high dielectric strength and heat resistance during soldering.
* **Internal Mechanism:** Uses a "teeter-totter" or "seesaw" contact mechanism. When the toggle is flipped, a spring-loaded plunger moves the internal contact bar to bridge the center terminal with one of the outer terminals.
* **Terminals:** Usually tin-plated brass for ease of soldering. The **R2** designation specifically refers to the lead forming, allowing the switch to sit horizontally on a PCB while the toggle protrudes vertically or from the side.
---
### 3. Application Use-Cases
The M2TT-4D-R2/Q is designed for high-density mounting where space is limited but robust mechanical switching is required.
1. **Telecommunications:** For line switching or resetting modules.
2. **Medical Equipment:** Used in handheld diagnostic tools due to its small footprint.
3. **Test & Measurement:** Integrated into oscilloscopes or signal generators for manual mode selection.
---
### 4. Circuit Diagram Representation
In an electronic schematic, the DPDT configuration (4D) is represented as two synchronized switches:
```text
Common 1 (C1) Common 2 (C2)
/ /
/ /
L1 L2 L3 L4
(Pos A) (Pos B) (Pos A) (Pos B)
```
- ⤷
What is the difference between silver and gold plating for this switch's contacts?
- ⤷ How does the 'R2' mounting style affect PCB layout compared to standard vertical mounts?
- ⤷ Can this switch be used for DC applications instead of AC?