AI

The **M2TT-4D-R2/BN** is a specific electronic component within the **M2 series** of miniature toggle switches, manufactured by **Nidec Components (formerly Copal Electronics)**.
Below is the detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
This part is a specialized toggle switch designed for PCB mounting with a focus on space-saving and durability.
| Feature | Specification |
| :--- | :--- |
| **Circuit Configuration** | DPDT (Double Pole, Double Throw) |
| **Switch Function** | ON - ON (2-Position) |
| **Current/Voltage Rating** | Max: 6A @ 125VAC or 3A @ 250VAC |
| **Logic Level Rating** | Max: 0.4VA @ 28VDC (for gold-plated models) |
| **Contact Resistance** | 10 mΩ maximum |
| **Dielectric Strength** | 1,000V AC for 1 minute |
| **Insulation Resistance** | 1,000 MΩ minimum |
| **Operating Life** | 50,000 cycles (Mechanical), 25,000 cycles (Electrical) |
---
### 2. Part Number Breakdown
The suffixing and prefixing of this specific model determine its hardware configuration:
* **M2**: Series designation (Miniature Toggle Switch).
* **TT**: Twin-toggle or standard toggle (referencing the lever style).
* **4**: Denotes a 4-pole or specific DPDT internal architecture depending on the frame size.
* **D**: Functionality code (Standard ON-ON).
* **R2**: Refers to the **Right Angle (Horizontal)** PCB terminal orientation. This means the switch sits parallel to the board when mounted.
* **BN**: Bracket/Nut configuration, typically indicating a specific mounting hardware kit or a bushing style (Threaded/Non-threaded).
---
### 3. Key Electronic Characteristics
#### A. Contact Material
This model usually features **Silver contacts** (Standard) or **Gold-over-silver**. The "BN" variant is often optimized for high-reliability low-power signals, preventing oxidation in logic-level circuits.
#### B. PC Board Termination
The **R2** designation is critical for PCB designers. Unlike vertical switches, the pins are bent at a 90-degree angle. This allows the switch to be toggled from the edge of a device casing while the PCB sits flat.
#### C. Environmental Sealing
The M2 series features an **ultrasonic welding** structure for the housing, which provides:
* Protection against solder flux entry.
* Stability during the cleaning process post-soldering.
---
### 4. Typical Applications
* **Industrial Controls:** Panel-mounted logic switching.
* **Telecommunications:** Network equipment configuration resets.
* **Medical Devices:** Handheld diagnostic tools requiring robust mechanical feedback.
* **Audio/Visual:** Signal routing in professional mixing consoles.
- ⤷
What is the difference between the R2 and R1 terminal orientations in the M2 series?
- ⤷ Does this switch require manual soldering or is it compatible with wave soldering?
- ⤷ What are the specific dimensions of the M2TT-4D-R2/BN for PCB layout design?