M2TT-45-R/
AI

The **M2TT-45-R** is a high-performance, double-pole double-throw (DPDT) miniature toggle switch, commonly manufactured by **NKK Switches**. It belongs to the M2 series, which is known for its reliability and durability in industrial and commercial electronic applications.
---
### ## Technical Specifications
Below are the primary electrical and mechanical characteristics of the M2TT-45-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Configuration** | DPDT (Double Pole Double Throw) |
| **Circuitry** | ON - ON |
| **Current Rating (AC)** | 6A @ 125V AC / 3A @ 250V AC |
| **Current Rating (DC)** | 4A @ 30V DC |
| **Mounting Type** | PC Board (Through-Hole) / Bracket Mount |
| **Actuator Style** | Standard Bat Lever |
| **Terminal Type** | PC Terminals with Bracket |
| **Contact Plating** | Silver (standard) |
---
### ### Key Components and Construction
The M2TT-45-R is engineered with several specialized parts that contribute to its performance:
1. **Antirotation Design:** The internal construction prevents the toggle lever from rotating, which protects the internal contacts from mechanical stress during operation.
2. **High Torque Bushing:** The bushing is designed to withstand high installation torque, preventing the switch from loosening or breaking during assembly.
3. **Ultrasonic Welding:** The base and housing are often joined using ultrasonic welding to provide a seal against contaminants and ensure structural integrity.
4. **Epoxy Sealed Terminals:** The terminals are typically sealed with epoxy to prevent solder flux or other contaminants from entering the switch mechanism during the soldering process.
---
### ### Typical Applications
Due to its robust design and "ON-ON" switching logic, this part is frequently used in:
* **Industrial Control Panels:** For toggling between two operational modes.
* **Telecommunications:** Signal routing and equipment configuration.
* **Medical Equipment:** High-reliability user interfaces.
* **Test & Measurement:** Switching between different input channels or ranges.
---
- ⤷
What is the difference between silver and gold contact versions for this switch series?
- ⤷ Can the M2TT-45-R be used in logic-level circuits with low current?
- ⤷ What is the expected mechanical life cycle of the NKK M2 series?