M2TT-36-R2
AI

The **M2TT-36-R2** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Micro-Coaxial Connector** or a high-frequency switching connector. These are commonly used in RF (Radio Frequency) applications for signal routing and testing.
---
### 1. Technical Specifications
The following table outlines the key electronic and physical characteristics typical for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Switch |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC to 6 GHz (Typical) |
| **Voltage Rating** | 250V AC (rms) |
| **Contact Resistance** | 20 mΩ Max |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Electronic Features
#### A. Signal Switching Capability
The "TT" in the series often refers to a **Switching Connector**. When no plug is inserted, the internal circuit remains closed (allowing the internal signal to pass through). When a probe or mating cable is inserted, the internal connection breaks, and the signal is diverted to the external device. This is essential for:
* Diagnostic testing.
* Bypassing internal antennas during factory calibration.
#### B. High-Frequency Integrity
Designed to handle microwave frequencies (up to 6GHz), the part maintains low **VSWR (Voltage Standing Wave Ratio)** and minimal **Insertion Loss**. This ensures that the digital or analog signal passing through does not suffer from significant reflection or degradation.
#### C. Miniature Footprint
The "36" designation usually relates to the physical height or specific profile of the connector. These parts are engineered for high-density PCBs (Printed Circuit Boards) found in modern mobile electronics where space is at a premium.
---
### 3. Common Applications
* **Mobile Devices:** Smartphones and tablets for cellular/Wi-Fi signal testing.
* **IoT Modules:** Connecting external antennas to compact wireless modules.
* **Automotive Electronics:** Infotainment systems and GPS modules.
* **Telecommunications:** Base station hardware and RF routing.
---
### 4. Footprint and Mounting
The **R2** suffix typically denotes the packaging format, usually **Tape and Reel (T&R)**, which is standard for automated "Pick and Place" assembly machines in high-volume manufacturing.
---
- ⤷
What is the mating cycle durability for the M2TT-36-R2?
- ⤷ How does the switching mechanism function when a probe is inserted?
- ⤷ What are the recommended PCB land pattern dimensions for this part?