M2TT-30-R2
AI

The **M2TT-30-R2** is a specific electronic component, primarily identified as a high-performance **solid-state switch** or **RF relay module**, often used in specialized telecommunications, radar, or automated test equipment (ATE).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M2TT" series generally refers to high-speed switching components. The "30" often denotes the frequency range (up to 30 GHz) or a power rating, while "R2" indicates the specific revision or mounting configuration.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF/Microwave Switch |
| **Technology** | Solid State (PIN Diode or GaAs FET) |
| **Frequency Range** | DC to 30 GHz (typical for this series) |
| **Configuration** | SPDT (Single Pole Double Throw) or Transfer Switch |
| **Control Interface** | TTL Logic Compatible |
---
### 2. Key Electronic Parameters
To integrate this part into a circuit, the following parameters are critical:
* **Insertion Loss:** The amount of signal power lost when the switch is closed. For a 30GHz part, this is typically between **2.0 dB and 4.5 dB** depending on the frequency.
* **Isolation:** The ability of the switch to prevent signal leakage to the "off" port. High-quality R2 units usually offer **>30 dB** of isolation.
* **Switching Speed:** Because it is electronic (not mechanical), switching times are usually in the **nanosecond (ns)** range.
* **Power Handling:** Designed for small-signal processing, typically handling **+20 dBm to +30 dBm** (0.1 to 1 Watt).
---
### 3. Pinout and Control Logic
Electronic parts like the M2TT-30-R2 require a DC supply and a logic signal to operate.
```yaml
Power_Requirements:
VCC: +5V DC (Typical)
VEE: -5V to -12V DC (Required for some PIN diode models)
Current_Draw: 50mA - 150mA
Logic_Control:
Logic_High (1): Switch to Path A
Logic_Low (0): Switch to Path B
Threshold: TTL Compatible (2.4V High / 0.8V Low)
```
---
### 4. Typical Applications
1. **Electronic Warfare (EW):** Rapid signal hopping and jamming.
2. **5G Testing:** Switching between different antenna arrays during calibration.
3. **Satellite Communication:** Signal routing in ground stations.
4. **Laboratory Instrumentation:** Used inside Signal Generators or Spectrum Analyzers.
---
### 5. Maintenance and Handling
* **ESD Sensitivity:** This is a Class 1 or 2 ESD-sensitive device. Always use a grounded wrist strap.
* **Thermal Management:** Ensure the baseplate is mounted to a heat sink if operating at high switching speeds or maximum power.
- ⤷
What is the exact insertion loss at the 30 GHz frequency mark?
- ⤷ Is the M2TT-30-R2 reflective or non-reflective (absorptive)?
- ⤷ What are the physical dimensions and connector types for this module?