M2TT-2G-R2/Q
AI

The **M2TT-2G-R2/Q** is a high-precision, miniature electromechanical component, typically identified as a **Toggle Switch** within the M2 series. These parts are widely used in industrial control panels, medical equipment, and telecommunications due to their high reliability and compact form factor.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Switch Function** | DPDT (Double Pole Double Throw) |
| **Actuator Type** | Standard Toggle (Bat style) |
| **Terminal Type** | PC Pin (Right Angle) |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC |
| **Contact Resistance** | 10 mΩ Max |
| **Dielectric Strength** | 1,000V AC for 1 minute |
| **Operating Temp** | -30°C to +85°C |
---
## Key Electronic Components & Materials
### 1. Contact Mechanism
The "Q" suffix in the part number often denotes **Silver Contacts**.
* **Material:** Silver alloy or silver plating over copper.
* **Purpose:** Provides excellent conductivity and is ideal for power applications where minimal voltage drop is required.
### 2. Housing and Insulation
* **Body:** High-temperature Diallyl Phthalate (DAP) or similar thermoset plastic. This ensures the switch body doesn't melt during soldering.
* **Bushing:** Brass with nickel plating for corrosion resistance and mechanical strength.
### 3. Terminal Interface
* **Mounting:** The **R2** designation typically refers to the **Right Angle PC Mount** configuration. This allows the switch to be mounted perpendicular to the Printed Circuit Board (PCB), saving vertical space.
---
## Application Use Cases
1. **Industrial Controls:** Used as a mode selector (e.g., Manual vs. Auto).
2. **Audio/Visual:** Signal routing in mixers or amplifiers due to low contact resistance.
3. **Medical Devices:** Reliable power on/off toggles for portable diagnostic tools.
---
- ⤷What is the difference between silver and gold contacts in the M2 series?
- ⤷ Can this switch be used for logic-level switching?
- ⤷ What are the specific dimensions of the R2 mounting style?