M2TT-2G-R/N
AI

The **M2TT-2G-R/N** is a specific model of a miniature toggle switch manufactured by **NKK Switches**. It belongs to the **M2 series**, which is known for its process-sealed construction and reliability in PC board applications.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the M2TT-2G-R/N:
| Parameter | Specification |
|:---|:---|
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON - NONE - ON |
| **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) |
| **Contact Resistance** | 20 milliohms maximum |
| **Insulation Resistance** | 1,000 Megohms minimum @ 500V DC |
| **Dielectric Strength** | 1,000V AC minimum between contacts |
| **Mechanical Life** | 100,000 operations minimum |
---
### 2. Part Number Breakdown
To understand the electronic capabilities, we can deconstruct the model code:
- **M2**: Series identifier (Process Sealed Miniature Toggles).
- **T**: Toggle Actuator.
- **T**: Bracketed PC Mount (denotes the mounting style).
- **2**: DPDT (Double Pole, Double Throw) circuit.
- **G**: Gold contacts (specifically designed for **Logic Level** applications).
- **R**: Right Angle PC Terminals.
- **N**: Standard actuator/bushing option.
---
### 3. Key Design Features
#### A. Logic Level Contacts (Gold)
The "G" in the part number signifies gold-plated contacts. Unlike silver contacts which require a "power" arc to stay clean, gold contacts are used for low-energy circuits (Logic Level) to prevent oxidation and ensure signal integrity at very low voltages.
#### B. Process Sealed Construction
The switch is designed to withstand automated soldering and washing processes. It features:
* **Ultrasonic Welding:** The base and cover are welded to prevent flux or cleaning solvents from entering the contact area.
* **O-ring Seals:** Internal O-rings around the actuator prevent liquid ingress.
#### C. Right Angle Mounting
The "R" indicates that the terminals are bent at a 90-degree angle. This allows the toggle to be operated from the side of a Printed Circuit Board (PCB), which is ideal for rack-mounted equipment or slim electronic enclosures.
---
### 4. Typical Applications
* **Telecommunications:** Signal switching in networking gear.
* **Medical Equipment:** Control interfaces for diagnostic tools.
* **Handheld Devices:** Power or mode selection in battery-operated instruments.
* **Industrial Controls:** Logic-level switching in PLC modules.
---
- ⤷What is the difference between gold and silver contacts in the NKK M2 series?
- ⤷ Can this switch be used for 120V AC power applications?
- ⤷ What is the recommended soldering temperature for the M2TT series?