AI

The **M2TT-2E-R/Q** is a specific part number typically associated with high-performance electronic connectors or switches, often used in aerospace, defense, or high-reliability industrial applications. Below is a breakdown of its technical characteristics and components.
### 1. Component Overview
The device is categorized as a **Miniature Toggle Switch** or a high-density connector interface depending on the specific series. In the context of the most common manufacturer specifications (such as those from NKK or similar specialty hardware vendors), it follows a modular design.
| Feature | Specification |
| :--- | :--- |
| **Contact Material** | Silver or Gold-plated Copper |
| **Mounting Type** | Through-hole / PC Mount |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Operating Force** | 1.5 ~ 4.0 N |
| **Termination Style** | Straight PC Terminals |
---
### 2. Key Electronic Characteristics
#### A. Power and Signal Rating
* **Logic Level:** Designed to handle low-current signals (0.4VA max @ 28V AC/DC) or standard power (up to 6A @ 125V AC).
* **Insulation Resistance:** Usually rated at a minimum of 1,000 Megaohms at 500V DC.
* **Dielectric Strength:** Capable of withstanding 1,000V AC between contacts for at least one minute.
#### B. Durability and Lifecycle
* **Mechanical Life:** Typically rated for 50,000 to 100,000 cycles.
* **Electrical Life:** 25,000 to 50,000 cycles depending on the load.
* **Temperature Range:** Functions reliably between **-30°C to +85°C**.
---
### 3. Structural Breakdown (Part Number Suffixes)
The suffix **-R/Q** indicates specific environmental and material standards:
1. **"R" Suffix:** Often denotes **RoHS Compliance**, indicating the part is free from lead, mercury, and other hazardous substances.
2. **"Q" Suffix:** Usually refers to **Silver Contacts**, optimized for power applications where higher current handling is required compared to gold-flashed logic-level contacts.
3. **"2E" Designator:** Indicates the actuator type (e.g., standard lever height) and the double-pole circuitry.
### 4. Application Areas
* **Telecommunications:** Signal routing in switching stations.
* **Medical Equipment:** Control panels for diagnostic tools.
* **Industrial Automation:** Manual override switches for PLC (Programmable Logic Controller) inputs.
---
### 5. Schematic Symbol (DPDT)
```text
Common 1 Common 2
| |
/----o----\ /----o----\
| | | |
o o o o
Pos A Pos B Pos A Pos B
```
- ⤷
What is the exact pin spacing for the M2TT-2E-R/Q for PCB layout?
- ⤷ Can this switch be used in vacuum-sealed environments?
- ⤷ What are the primary differences between the Q (Silver) and G (Gold) contact options?