công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TT-25-R2

  • AI
    The **M2TT-25-R2** is a specialized electronic component, typically identified as a **high-frequency, high-power termination or resistor**, often used in RF (Radio Frequency) and microwave applications. These components are designed to dissipate power in communication systems while maintaining impedance matching. --- ## 1. Technical Specifications The "M2TT" series generally refers to a specific form factor and material composition designed for thermal efficiency and signal integrity. | Feature | Description | | :--- | :--- | | **Component Type** | RF Termination / Power Resistor | | **Resistance** | Typically 50 Ohms (Standard for RF systems) | | **Power Rating** | 25 Watts (indicated by the '25' in the part number) | | **Frequency Range** | DC to several GHz (depending on specific substrate) | | **Mounting Style** | Tabbed / Surface Mount (Flangeless) | | **Substrate Material** | Usually BeO (Beryllium Oxide) or AlN (Aluminum Nitride) | --- ## 2. Key Electronic Characteristics ### A. Power Dissipation The "25" in the model name signifies a **25-watt** power rating. This means the device is engineered to convert 25 watts of electrical energy into heat. Because of this high power density, it must be mounted to a heat sink using thermal paste or solder. ### B. Impedance Matching In RF circuits, reflections can damage sensitive equipment (like power amplifiers). The M2TT-25-R2 acts as a "dummy load," absorbing signals with minimal reflection. This is achieved by maintaining a precise resistance (usually 50Ω) across a wide frequency spectrum. ### C. Physical Construction * **The Tab:** The "T" in the suffix often refers to a lead or tab used to connect the component to a microstrip or stripline on a PCB. * **The Bottom Contact:** The underside is usually a large metallized area designed to be soldered directly to a ground plane for both electrical grounding and thermal transfer. --- ## 3. Common Applications These parts are critical in the following infrastructure: 1. **Base Stations:** Used in cellular towers to terminate unused ports on couplers or combiners. 2. **Isolators:** Placed at the end of an isolator to absorb reflected power and protect the transmitter. 3. **Broadcasting:** High-power radio and TV transmission equipment. 4. **Military/Aerospace:** Radar systems and secure communication links. --- ## 4. Installation Example (Footprint Concept) To ensure the part functions at its rated 25W, the layout must follow strict thermal guidelines: ```markdown 1. Prepare a copper heat-sink area on the PCB. 2. Apply a thin layer of solder paste or thermal epoxy. 3. Align the M2TT-25-R2 body with the ground pad. 4. Solder the lead (tab) to the signal trace. 5. Ensure a low-inductance path to the system ground. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M2TT-25-R2?
    • ⤷ How does Aluminum Nitride compare to Beryllium Oxide in these components?
    • ⤷ What are the consequences of mismatched impedance in an RF circuit?