công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TT-23-R2/CE

  • AI
    The **M2TT-23-R2/CE** is a high-precision, industrial-grade thermocouple thermometer (often referred to as a digital temperature indicator or transmitter) commonly used in process automation and thermal monitoring. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The device is designed to interface with standard temperature sensors and convert those signals into human-readable data or control signals. | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple (typically Type K, J, T, E, R, S, B, N) | | **Display** | 4-Digit LED (usually Red or Green) | | **Output Type** | Relay Contact (R2 indicates dual relay configuration) | | **Power Supply** | Typically 100–240V AC or 24V DC (Model dependent) | | **Compliance** | CE (European Conformity) Certified | | **Sampling Rate** | ~2 to 4 times per second | --- ## 2. Electronic Component Breakdown ### A. The Input Stage (Analog Front-End) * **Cold Junction Compensation (CJC):** Since thermocouples measure the temperature difference between two points, the device includes a thermistor or specialized IC near the input terminals to measure the "cold junction" temperature and offset the calculation. * **High-Impedance Amplifier:** Thermocouple signals are in the millivolt (mV) range. The device uses high-precision operational amplifiers (Op-Amps) to boost this signal without adding noise. ### B. Microcontroller Unit (MCU) * The "brain" of the unit. It runs the **Analog-to-Digital Conversion (ADC)**, linearizes the non-linear voltage curve of the thermocouple, and manages the PID (Proportional-Integral-Derivative) control logic if configured for control. ### C. Output Configuration (R2) * **Dual Relays:** The "R2" suffix specifically indicates that the unit is equipped with **two relay outputs**. * **Function:** These are typically used for "High" and "Low" alarms or to trigger external cooling/heating elements. * **Contact Rating:** Usually rated for 3A to 5A at 250V AC. ### D. Isolation and Protection * **Galvanic Isolation:** High-quality units like the M2TT series often feature isolation between the power supply, input, and output to prevent ground loops and protect the internal electronics from power surges. --- ## 3. Wiring and Pinout (Typical) While you should always consult the label on the side of the specific unit, the general electronic interface follows this pattern: ```markdown 1. Power L (+) [---] Input (+) Thermocouple 2. Power N (-) [---] Input (-) Thermocouple 3. Relay 1 (COM) [---] Relay 2 (COM) 4. Relay 1 (NO) [---] Relay 2 (NO) ``` --- ## 4. Significance of "CE" Marking The **CE** suffix indicates that the electronic components meet European standards for: 1. **Electromagnetic Compatibility (EMC):** The device does not emit excessive radio interference and is shielded against external interference. 2. **Low Voltage Directive (LVD):** Ensures the insulation and internal power handling are safe for industrial use.
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature ranges supported for Type K versus Type J thermocouples on this model?
    • ⤷ How do I calibrate the M2TT-23-R2/CE if the readings show an offset?
    • ⤷ What is the specific power consumption in Watts for this device?