M2TT-21-R2/N
AI

The **M2TT-21-R2/N** is a specific model of an **electromechanical toggle switch** manufactured by **NKK Switches**. It belongs to the M2 series, which is known for its miniaturized size and high reliability in PCB (Printed Circuit Board) applications.
---
### 1. Technical Specifications
Below is a breakdown of the electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Circuit Configuration** | DPDT (Double Pole, Double Throw) |
| **Switch Function** | ON - NONE - ON |
| **Current Rating** | 6A @ 125V AC / 3A @ 250V AC / 4A @ 30V DC |
| **Termination Style** | Right Angle PC Terminal (Horizontal Mount) |
| **Actuator Style** | Standard Bat Lever |
| **Contact Material** | Silver (standard) |
| **Mechanical Life** | 100,000 Operations minimum |
| **Operating Temp Range** | -30°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the suffix/prefix of the M2TT-21-R2/N helps identify its physical form:
* **M2**: Series identifier (Miniature Process Toggles).
* **T**: Toggle actuator type.
* **T**: Tapered Bushing or specific mounting style.
* **21**: Represents the circuit (DPDT, ON-ON).
* **R2**: Indicates the **Right Angle** terminal orientation with specific spacing.
* **N**: Typically denotes a standard hardware or no-shroud configuration.
---
### 3. Key Electronic Components & Materials
* **Contacts:** Uses a "butt contact" mechanism. The silver plating ensures high conductivity and lowers contact resistance (typically <10 milliohms).
* **Insulation:** The base is constructed from Diallyl Phthalate (DAP) resin, which provides high dielectric strength (1,000V AC minimum between contacts).
* **Terminals:** Epoxy sealed to prevent the entry of flux, solvents, or other contaminants during the soldering process.
---
### 4. Application Use Cases
This specific part is frequently used in industrial and telecommunications equipment due to its DPDT nature, allowing it to control two separate circuits simultaneously.
1. **Logic Level Switching:** Reliable enough for low-power signal routing.
2. **Power Distribution:** Capable of handling moderate AC/DC loads for device power states.
3. **Control Panels:** The right-angle mount is ideal for edge-of-board installation where the toggle needs to protrude through a side panel.
- ⤷What is the difference between DPDT and SPDT in the M2 series?
- ⤷ Does this switch require a specific mounting nut or is it snap-in?
- ⤷ Are there gold-plated contact versions of the M2TT for low-level signals?