M2TT-13-R2/
AI

The **M2TT-13-R2** is a specialized electronic component, typically identified as a **tactile switch** or a specific **miniature toggle/pushbutton switch** assembly often used in industrial or automotive interfaces.
Below is a detailed breakdown of its electronic characteristics and structural components.
### 1. Component Specifications
The "M2" series generally refers to sub-miniature designs. Here are the typical electrical parameters for this class of component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile / Miniature Toggle |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Contact Resistance** | < 50 mΩ |
| **Insulation Resistance** | > 500 MΩ @ 500V DC |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Key Electronic Parts & Construction
#### A. Internal Contact Mechanism
* **Gold-Plated Contacts:** Most "R2" suffix parts indicate gold over nickel plating. This is crucial for **Logic Level** circuits where voltage and current are too low to "burn off" oxidation.
* **Bifurcated Contacts:** The internal wipers often use a dual-contact design to ensure high reliability and minimize contact bounce.
#### B. The Housing (Body)
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Polyphenylene Sulfide (PPS).
* **Function:** Provides high thermal resistance, allowing the part to withstand lead-free reflow soldering processes.
#### C. Terminals (The Pins)
* **Pitch:** Usually follows a standard 2.54mm (0.1") or 2.0mm grid spacing.
* **Sealing:** The terminals are typically epoxy-sealed at the base to prevent flux or contaminants from entering the switch cavity during soldering.
---
### 3. Circuit Configuration
The M2TT-13-R2 usually follows an **SPDT (Single Pole Double Throw)** configuration.
```mermaid
graph LR
A[Terminal 2 - Common] --- B(ON)
A --- C(ON)
style A fill:#f9f,stroke:#333,stroke-width:2px
```
* **Function:** ON-OFF-ON or ON-NONE-ON depending on the specific sub-variant.
* **Mounting:** The "R2" often denotes a specific packaging (like Tape & Reel) or a Right-Angle PC mount orientation.
---
### 4. Typical Applications
1. **Handheld Devices:** Due to the sub-miniature footprint.
2. **Reset Switches:** Used on PCBs for microcontrollers.
3. **Mode Selection:** Selecting between different hardware logic states.
- ⤷
What is the exact footprint measurement for the M2TT-13-R2 PCB layout?
- ⤷ Does this switch support wave soldering or only manual/reflow soldering?
- ⤷ Is there a waterproof (IP-rated) version of this specific switch series?