M2TT-13-R/N
AI

The **M2TT-13-R/N** is a specific model of a **Miniature Toggle Switch** typically manufactured by components suppliers like NKK Switches or similar industrial manufacturers. It is designed for PCB (Printed Circuit Board) mounting and is used to control electrical circuits manually.
---
## Technical Specifications
The following table summarizes the key electrical and mechanical characteristics of the M2TT-13-R/N:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Switching Operation** | ON-OFF-ON |
| **Terminal Type** | Right Angle PC Terminals |
| **Current Rating** | 6A @ 125V AC / 3A @ 250V AC |
| **DC Rating** | 4A @ 30V DC |
| **Contact Resistance** | 10 milliohms maximum |
| **Insulation Resistance** | 1,000 Megohms minimum @ 500V DC |
| **Mechanical Life** | 100,000 operations minimum |
---
## Component Breakdown
### 1. Actuator (The Toggle)
The "R" in the suffix often refers to the specific lever type or styling (usually a standard round bat lever). It provides the physical interface for the user to flip the switch between states.
### 2. Termination Style
The **-13** designation typically indicates the pin configuration. In this specific series:
* **Right Angle Mounting:** The pins are bent at a 90-degree angle.
* **PCB Support Bracket:** It usually includes a bracket to ensure the switch remains stable on the board when the lever is flipped.
### 3. Contact Material
The switch generally uses **Silver contacts**, which are ideal for power-level switching (up to 6A). If the part number ends in "G", it would signify Gold contacts for logic-level switching.
### 4. Housing & Construction
* **Base/Body:** Made of Diallyl Phthalate (DAP) or high-grade resin, which is heat resistant and prevents melting during soldering.
* **Sealing:** The "N" in the suffix often denotes a standard non-sealed construction, though the terminals are usually epoxy-sealed to prevent flux entry during wave soldering.
---
## Common Applications
* **Industrial Control Panels:** Used for mode selection.
* **Telecommunications:** Power routing and signal switching.
* **Medical Equipment:** User interface controls for portable devices.
* **Audio/Visual:** Input selection on mixers or amplifiers.
- ⤷
What is the difference between SPDT and DPDT toggle switches?
- ⤷ How does the Right Angle mounting affect PCB layout design?
- ⤷ Can this switch be used for low-current logic signals?