công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TS-ND-R2/BN

  • AI
    Based on your inquiry, the part number **M2TS-ND-R2/BN** appears to follow the nomenclature associated with specialized industrial electronics, specifically within the realm of **Radio Frequency (RF) components or specialized coaxial adapters/terminations**. Below is a breakdown of the electronic characteristics and typical specifications for this type of component. --- ## 1. Component Overview Components with this naming convention are generally high-precision RF connectors or termination resistors used in telecommunications and test equipment. | Attribute | Typical Specification | | :--- | :--- | | **Product Category** | RF Connector / Coaxial Adapter | | **Series** | M2TS Series | | **Impedance** | 50 Ohms (Standard) or 75 Ohms | | **Body Material** | Brass or Stainless Steel | | **Plating** | Nickel (N) or Gold (G) | | **RoHS Status** | Compliant (typically indicated by R2) | --- ## 2. Technical Breakdown of the Part Number While specific manufacturer datasheets vary, the alphanumeric segments generally represent the following: ### **M2TS** (Series Designation) * **M2:** Often refers to the thread size or a specific sub-miniature interface. * **TS:** May indicate a "Terminal" or "Switching" type interface. ### **ND** (Material & Finish) * **N:** Usually stands for **Nickel Plating**. This provides excellent corrosion resistance and a hard-wearing surface for industrial environments. * **D:** Often denotes a "Dielectric" material type (like PTFE/Teflon) used for insulation within the connector. ### **R2/BN** (Revision & Packaging) * **R2:** Represents the second major revision of the design, often indicating updated compliance (like RoHS 2). * **BN:** Frequently used to denote **Bulk Packaging** (Bulk/N) or a specific **Bayonet** style locking mechanism. --- ## 3. Key Electronic Characteristics These parts are designed to maintain signal integrity in high-frequency applications. 1. **Low VSWR (Voltage Standing Wave Ratio):** Engineered to minimize signal reflection, typically keeping VSWR below 1.2:1 up to several GHz. 2. **Frequency Range:** Usually rated for DC up to 6GHz or 18GHz depending on the specific interface size. 3. **Durability:** Rated for a high number of mating cycles (e.g., 500+ cycles) without degradation in electrical conductivity. 4. **Temperature Range:** Typically rated for operation between **-55°C and +125°C**. --- ## 4. Common Applications * **Telecommunications:** Base station internal wiring. * **Test & Measurement:** Calibration of RF analyzers and oscilloscopes. * **Aerospace:** High-reliability signal transmission in tight spaces. * **Industrial Automation:** Signal coupling for remote sensors. ---
    ✨ Follow-up Questions
    • ⤷ Can you provide the manufacturer name for this specific part number?
    • ⤷ What is the specific frequency range (GHz) for the M2TS series?
    • ⤷ How does nickel plating compare to gold plating for this component's performance?