công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TS-7C-R/N

  • AI
    The **M2TS-7C-R/N** is a specialized electronic component, typically categorized as a high-precision **Temperature-Compensated Crystal Oscillator (TCXO)** or a related timing module, often utilized in telecommunications and synchronization hardware. --- ### 1. General Specifications While specific data can vary slightly by manufacturer (common in timing modules for base stations), the part number breakdown generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | Temperature-Compensated Crystal Oscillator (TCXO) | | **Output Type** | CMOS / Clipped Sine Wave (Depending on sub-variant) | | **Frequency Stability** | High precision (often within ±0.1ppm to ±2.0ppm) | | **Operating Voltage** | Usually 3.3V or 5.0V DC | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Key Electronic Characteristics The "7C" and "R/N" suffixes in these types of modules typically refer to specific electrical performance metrics: #### A. Temperature Compensation Unlike standard crystals, the M2TS-7C-R/N includes an internal compensation circuit. This adjusts the frequency in real-time to counteract shifts caused by ambient temperature changes, ensuring the clock signal remains stable. #### B. Frequency Control (Voltage Control) The "V" or "R" designations often imply the presence of a **Voltage Control (VC)** pin. This allows the system to fine-tune the output frequency by applying a small control voltage, which is essential for Phase-Locked Loops (PLLs). #### C. Phase Noise and Jitter These parts are engineered for low phase noise. This is critical for high-speed data transmission where timing errors (jitter) can lead to bit-error rate (BER) increases. --- ### 3. Pin Configuration (Typical) Most modules in this form factor utilize a standard 4 or 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Vc / NC | Voltage Control or No Connection | | 2 | GND | Case Ground | | 3 | Output | Clock Signal Output | | 4 | Vcc | Supply Voltage (+3.3V / +5V) | --- ### 4. Common Applications * **Networking:** Base stations (LTE/5G), Routers, and Switches. * **GNSS/GPS:** Providing a stable reference clock for satellite signal acquisition. * **Test Equipment:** Frequency counters and signal generators. * **Smart Grid:** Synchronization of power distribution sensors. --- ### 5. Compliance & Reliability The "R/N" suffix often indicates environmental compliance or specific packaging standards: * **RoHS Compliant:** Lead-free construction. * **Industrial Grade:** Rated for -40°C to +85°C operation.
    ✨ Follow-up Questions
    • ⤷ What is the specific nominal frequency for your version of the M2TS-7C-R/N?
    • ⤷ Do you require the footprint dimensions for PCB layout?
    • ⤷ Are you looking for an equivalent cross-reference for this part?