M2TS-70-R/BL
AI

### Overview: M2TS-70-R/BL
The **M2TS-70-R/BL** is a specialized high-performance tactile switch, typically categorized within the **M2 series** of miniature toggle or pushbutton switches. It is commonly used in industrial controls, telecommunications, and high-reliability consumer electronics.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Pushbutton / Tactile Switch |
| **Mounting Type** | Through-hole (Right Angle / Vertical options) |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Electrical Life** | 50,000 to 100,000 Cycles |
| **Actuator Color** | Red (**-R**) / Black (**-BL**) |
| **Operating Force** | ~1.5N to 2.5N |
---
### Key Electronic Components & Materials
1. **Contact Mechanism:**
* **Gold-Plated Contacts:** Most models in this series use gold over nickel plating. This ensures high conductivity and prevents oxidation, making it ideal for low-voltage/low-current logic circuits.
2. **Sealing (Environmental Protection):**
* The "70" designation often refers to the **IP67 rating** or equivalent sealing. This means the internal electronic contacts are protected against dust ingress and temporary immersion in water.
3. **Terminal Leads:**
* Constructed from brass with tin plating for ease of soldering. The "R" usually indicates a **Right-Angle** orientation for PCB mounting.
4. **Housing:**
* Made from high-temperature Polyamide (Nylon) or Diallyl Phthalate (DAP), allowing the part to withstand wave soldering temperatures.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **M2** | Series designation (Miniature/Subminiature) |
| **TS** | Tactile Switch / Toggle Subminiature |
| **70** | Specific Model / Dimensions / Rating code |
| **R** | Right Angle PCB Mounting |
| **BL** | Button/Actuator Color (Black) |
---
### Typical Applications
* **Medical Equipment:** Due to the high cycle life and reliability.
* **Handheld Instruments:** Used where space is limited and a right-angle interface is needed.
* **Network Hardware:** Reset buttons or mode selection switches.
- ⤷
What are the specific soldering temperature limits for this switch?
- ⤷ Does the M2TS-70-R/BL come in a surface-mount (SMD) variant?
- ⤷ What is the difference in resistance between the Gold and Silver contact options for this series?