công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2TS-6B-R2

  • AI
    The **M2TS-6B-R2** is a specialized electronic component typically used in power distribution and infrastructure monitoring. It is part of the **M2TS Series** of static transfer switches or power monitoring modules (often associated with brands like Delta or specialized industrial power suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2TS" designation generally refers to a **Modular Transfer Switch** or a power distribution management module designed for high-availability environments like data centers. | Feature | Description | | :--- | :--- | | **Model Number** | M2TS-6B-R2 | | **Component Type** | Static Transfer Switch (STS) Module / Monitoring Unit | | **Mounting** | Rack-mounted / Modular | | **Connectivity** | RS485 / RS232 / SNMP (depending on the backplane) | | **Application** | Redundant power supply switching for servers | --- ### 2. Key Electronic Components The internal circuitry of a unit like the M2TS-6B-R2 involves several critical electronic stages: #### A. Power Switching Stage (SCRs) * **Silicon Controlled Rectifiers (SCRs):** These are the core "electronic parts." Unlike mechanical relays, SCRs allow for instantaneous switching (typically < 4ms to 8ms) between two power sources without dropping the load. * **Heat Sinks:** Due to the high current passing through the solid-state switches, large aluminum heat sinks are integrated to dissipate thermal energy. #### B. Control and Logic Board * **Microcontroller (MCU) / DSP:** A high-speed processor monitors the sine waves of the input power sources. It detects voltage sags, swells, or total failures. * **Sensing Circuitry:** High-precision resistors and optoisolators measure the phase and voltage of Source A and Source B to ensure they are synchronized before switching. #### C. Interface and Communication * **Communication Ports:** Usually includes an RJ45 or DB9 port for remote monitoring via Modbus or SNMP protocols. * **Status LEDs:** Indicators on the front panel provide visual feedback on "Source Available," "Load on Source 1/2," and "Fault" status. --- ### 3. Functional Operation The M2TS-6B-R2 operates as a **Point of Use** transfer switch. Its electronic logic follows this priority: 1. **Continuous Monitoring:** Constantly checks the quality of the primary power source. 2. **Sense and Transfer:** If the primary source fails, the logic board triggers the SCRs to disconnect from Source A and connect to Source B. 3. **Break-before-make:** The electronics ensure that the two sources are never shorted together during the transfer. --- ### 4. Technical Pinout/Interface (Common Configuration) *Note: Specific pinouts may vary by revision (R2).* | Port/Part | Function | | :--- | :--- | | **L1/N (Source A)** | Primary AC Input | | **L2/N (Source B)** | Secondary AC Input | | **Output Terminals** | Clean power to the load | | **COM Port** | Telemetry data output (Voltage, Current, Frequency) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2TS-6B-R2 module?
    • ⤷ How does the R2 revision differ from the original M2TS-6B?
    • ⤷ What are the common failure modes for SCR-based transfer switches?